Electronic Components Datasheet Search
  English  ▼

X  

KSZ8563R Datasheet(PDF) 79 Page - Microchip Technology

Part # KSZ8563R
Description  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 79 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 75Page - Microchip Technology KSZ8563R Datasheet HTML 76Page - Microchip Technology KSZ8563R Datasheet HTML 77Page - Microchip Technology KSZ8563R Datasheet HTML 78Page - Microchip Technology KSZ8563R Datasheet HTML 79Page - Microchip Technology KSZ8563R Datasheet HTML 80Page - Microchip Technology KSZ8563R Datasheet HTML 81Page - Microchip Technology KSZ8563R Datasheet HTML 82Page - Microchip Technology KSZ8563R Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 221 page
background image
 2017-2018 Microchip Technology Inc.
DS00002418D-page 79
KSZ8563R
5.1.4.16
Address Lookup Table Mask Register
This register masks the Address Lookup Table interrupts in the Address Lookup Table Interrupt Register.
5.1.4.17
Address Lookup Table Entry Index 0 Register
5.1.4.18
Address Lookup Table Entry Index 1 Register
Address:
0x0315
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
0x00
2
Learn Fail Interrupt Mask
1 = Interrupt is disabled
0 = Interrupt is enabled
R/W
1b
1
Almost Full Interrupt Mask
1 = Interrupt is disabled
0 = Interrupt is enabled
R/W
1b
0
Write Fail Interrupt Mask
1 = Interrupt is disabled
0 = Interrupt is enabled
R/W
1b
Address:
0x0316 - 0x0317
Size:
16 bits
Bits
Description
Type
Default
15:12
RESERVED
RO
0x0
11:0 /
9:0
Almost Full Entry Index [11:0]
When a static entry is successfully written into the Address Lookup Table,
but the table bucket is almost full (contains 2 or 3 static entries prior to the
write), the entry address is reported here.
Fail Write Index [9:0]
When a static entry write failure occurs in the Address Lookup Table, the
bucket address is reported here.
RO
0x000
Address:
0x0318 - 0x0319
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
0000_00
9:0
Fail Learn Index
When a destination address fails to be learned in the Address Lookup Table
because the bucket contains 4 static entries, the bucket address is reported
here.
RO
0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com