Electronic Components Datasheet Search
  English  ▼

X  

KSZ8563R Datasheet(PDF) 94 Page - Microchip Technology

Part # KSZ8563R
Description  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 94 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 90Page - Microchip Technology KSZ8563R Datasheet HTML 91Page - Microchip Technology KSZ8563R Datasheet HTML 92Page - Microchip Technology KSZ8563R Datasheet HTML 93Page - Microchip Technology KSZ8563R Datasheet HTML 94Page - Microchip Technology KSZ8563R Datasheet HTML 95Page - Microchip Technology KSZ8563R Datasheet HTML 96Page - Microchip Technology KSZ8563R Datasheet HTML 97Page - Microchip Technology KSZ8563R Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 221 page
background image
KSZ8563R
DS00002418D-page 94
 2017-2018 Microchip Technology Inc.
5.1.4.61
IP DiffServ Priority Mapping 26 Register
5.1.4.62
IP DiffServ Priority Mapping 27 Register
5.1.4.63
IP DiffServ Priority Mapping 28 Register
5.1.4.64
IP DiffServ Priority Mapping 29 Register
Address:
0x035A
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x35, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x34, use this value for priority
R/W
000b
Address:
0x035B
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x37, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x36, use this value for priority
R/W
000b
Address:
0x035C
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x39, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x38, use this value for priority
R/W
000b
Address:
0x035D
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x3B, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x3A, use this value for priority
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com