Electronic Components Datasheet Search
  English  ▼

X  

KSZ8563R Datasheet(PDF) 8 Page - Microchip Technology

Part # KSZ8563R
Description  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 8 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 4Page - Microchip Technology KSZ8563R Datasheet HTML 5Page - Microchip Technology KSZ8563R Datasheet HTML 6Page - Microchip Technology KSZ8563R Datasheet HTML 7Page - Microchip Technology KSZ8563R Datasheet HTML 8Page - Microchip Technology KSZ8563R Datasheet HTML 9Page - Microchip Technology KSZ8563R Datasheet HTML 10Page - Microchip Technology KSZ8563R Datasheet HTML 11Page - Microchip Technology KSZ8563R Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 221 page
background image
KSZ8563R
DS00002418D-page 8
 2017-2018 Microchip Technology Inc.
2.0
INTRODUCTION
2.1
General Description
The KSZ8563R is a highly-integrated, IEEE 802.3 compliant networking device that incorporates a layer-2+ managed
high-performance Ethernet switch, two 10BASE-T/100BASE-TX physical layer transceivers (PHYs) and associated
MAC units, and one MAC port with a configurable RGMII/MII/RMII interface for direct connection to a host processor/
controller, another Ethernet switch, or an Ethernet PHY transceiver.
The KSZ8563R is built upon industry-leading Ethernet technology, with features designed to offload host processing
and streamline the overall design:
• Non-blocking wire-speed Ethernet switch fabric
• Full-featured forwarding and filtering control, including port-based Access Control List (ACL) filtering
• Full VLAN and QoS support
• Traffic prioritization with per-port egress queues and by traffic classification
• RSTP and MSTP Spanning Tree support
• IEEE 802.1X port-based authentication support
The KSZ8563R incorporates full hardware support for the IEEE 1588v2 Precision Time Protocol (PTP), including hard-
ware time-stamping at all PHY-MAC interfaces, and a high-resolution hardware “PTP clock”. IEEE 1588 provides sub-
microsecond synchronization for a range of industrial Ethernet applications.
The KSZ8563R supports only PTP one-step mode. With one-step mode enabled, the KSZ8563R supports the following
PTP operations:
• Transparent Clock (TC) with auto-correction update
• Master and slave Ordinary Clock (OC) support
• End-to-End (E2E) or Peer-to-Peer (P2P)
The 100Mbps PHYs feature optional Quiet-WIRE® internal filtering to reduce line emissions and enhance immunity to
environmental noise. It is ideal for automotive or industrial applications where stringent radiated emission limits must be
met.
A host processor can access all KSZ8563R registers for control over all PHY, MAC, and switch functions. Full register
access is available via the integrated SPI or I2C interfaces, and by in-band management via any one of the data ports.
PHY register access is provided by a MIIM interface. Flexible digital I/O voltage allows the MAC port to interface directly
with a 1.8/2.5/3.3V host processor/controller/FPGA.
Additionally, a robust assortment of power-management features including IEEE 802.3az Energy-Efficient Ethernet
(EEE) for power savings with idle link, and Wake-on-LAN (WoL) for low power standby operation, have been designed
to satisfy energy-efficient system requirements.
The KSZ8563R is available in industrial (-40°C to +85°C) amd extended (-40°C to +105°C) temperature ranges. An
internal block diagram of the KSZ8563R is shown in Figure 2-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com