Electronic Components Datasheet Search
  English  ▼

X  

KSZ8563R Datasheet(PDF) 92 Page - Microchip Technology

Part # KSZ8563R
Description  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 92 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 88Page - Microchip Technology KSZ8563R Datasheet HTML 89Page - Microchip Technology KSZ8563R Datasheet HTML 90Page - Microchip Technology KSZ8563R Datasheet HTML 91Page - Microchip Technology KSZ8563R Datasheet HTML 92Page - Microchip Technology KSZ8563R Datasheet HTML 93Page - Microchip Technology KSZ8563R Datasheet HTML 94Page - Microchip Technology KSZ8563R Datasheet HTML 95Page - Microchip Technology KSZ8563R Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 221 page
background image
KSZ8563R
DS00002418D-page 92
 2017-2018 Microchip Technology Inc.
5.1.4.53
IP DiffServ Priority Mapping 18 Register
5.1.4.54
IP DiffServ Priority Mapping 19 Register
5.1.4.55
IP DiffServ Priority Mapping 20 Register
5.1.4.56
IP DiffServ Priority Mapping 21 Register
Address:
0x0352
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x25, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x24, use this value for priority
R/W
000b
Address:
0x0353
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x27, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x26, use this value for priority
R/W
000b
Address:
0x0354
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x29, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x28, use this value for priority
R/W
000b
Address:
0x0355
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x2B, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x2A, use this value for priority
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com