Electronic Components Datasheet Search
  English  ▼

X  

KSZ8563R Datasheet(PDF) 93 Page - Microchip Technology

Part # KSZ8563R
Description  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 93 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 89Page - Microchip Technology KSZ8563R Datasheet HTML 90Page - Microchip Technology KSZ8563R Datasheet HTML 91Page - Microchip Technology KSZ8563R Datasheet HTML 92Page - Microchip Technology KSZ8563R Datasheet HTML 93Page - Microchip Technology KSZ8563R Datasheet HTML 94Page - Microchip Technology KSZ8563R Datasheet HTML 95Page - Microchip Technology KSZ8563R Datasheet HTML 96Page - Microchip Technology KSZ8563R Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 221 page
background image
 2017-2018 Microchip Technology Inc.
DS00002418D-page 93
KSZ8563R
5.1.4.57
IP DiffServ Priority Mapping 22 Register
5.1.4.58
IP DiffServ Priority Mapping 23 Register
5.1.4.59
IP DiffServ Priority Mapping 24 Register
5.1.4.60
IP DiffServ Priority Mapping 25 Register
Address:
0x0350
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x2D, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x2C, use this value for priority
R/W
000b
Address:
0x0357
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x2F, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x2E, use this value for priority
R/W
000b
Address:
0x0358
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x31, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x30, use this value for priority
R/W
000b
Address:
0x0359
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x33, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x32, use this value for priority
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com