Electronic Components Datasheet Search
  English  ▼

X  

XCL231 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCL231
Description  36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL231 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL231 Datasheet HTML 5Page - Torex Semiconductor XCL231 Datasheet HTML 6Page - Torex Semiconductor XCL231 Datasheet HTML 7Page - Torex Semiconductor XCL231 Datasheet HTML 8Page - Torex Semiconductor XCL231 Datasheet HTML 9Page - Torex Semiconductor XCL231 Datasheet HTML 10Page - Torex Semiconductor XCL231 Datasheet HTML 11Page - Torex Semiconductor XCL231 Datasheet HTML 12Page - Torex Semiconductor XCL231 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9/37
XCL230/XCL231
Series
V
V
V
V
V
VIN
EN/SS
PG
Lx
FB
L1
L2
GND
RPG=100kΩ
CIN
Probe
■
TEST CIRCUITS (Continued)
Circuit No.④
Circuit No.⑤
A
V
V
A
A
V
VIN
EN/SS
PG
Lx
FB
L1
L2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com