Electronic Components Datasheet Search
  English  ▼

X  

XCL231 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XCL231
Description  36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL231 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XCL231 Datasheet HTML 18Page - Torex Semiconductor XCL231 Datasheet HTML 19Page - Torex Semiconductor XCL231 Datasheet HTML 20Page - Torex Semiconductor XCL231 Datasheet HTML 21Page - Torex Semiconductor XCL231 Datasheet HTML 22Page - Torex Semiconductor XCL231 Datasheet HTML 23Page - Torex Semiconductor XCL231 Datasheet HTML 24Page - Torex Semiconductor XCL231 Datasheet HTML 25Page - Torex Semiconductor XCL231 Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
22/37
XCL230/XCL231 Series
3.0
3.1
3.2
3.3
3.4
3.5
3.6
0.1
1
10
100
1000
Output Current :IOUT[mA]
XCL230B0K1H2
(VIN=12V, VOUT=3.3V)
CIN1=4.7μF(UMK212BBJ475KG), CIN2=0.1μF(UMK107BJ104MAHT)
CL=22μF(TMK212BBJ226MG)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
0.1
1
10
100
1000
Output Current :IOUT[mA]
XCL230B0K1H2
(VIN=12V, VOUT=5V)
CIN1=4.7μF(UMK212BBJ475KG), CIN2=0.1μF(UMK107BJ104MAHT)
CL=22μF(TMK212BBJ226MG)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
0.1
1
10
100
1000
Output Current :IOUT[mA]
XCL231B0K1H2
(VIN=12V, VOUT=3.3V)
CIN1=4.7μF(UMK212BBJ475KG), CIN2=0.1μF(UMK107BJ104MAHT)
CL=22μF(TMK212BBJ226MG)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
0.1
1
10
100
1000
Output Current :IOUT[mA]
XCL231B0K1H2
(VIN=12V, VOUT=5V)
CIN1=4.7μF(UMK212BBJ475KG), CIN2=0.1μF(UMK107BJ104MAHT)
CL=22μF(TMK212BBJ226MG)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com