Electronic Components Datasheet Search
  English  ▼

X  

XCL231 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XCL231
Description  36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL231 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XCL231 Datasheet HTML 20Page - Torex Semiconductor XCL231 Datasheet HTML 21Page - Torex Semiconductor XCL231 Datasheet HTML 22Page - Torex Semiconductor XCL231 Datasheet HTML 23Page - Torex Semiconductor XCL231 Datasheet HTML 24Page - Torex Semiconductor XCL231 Datasheet HTML 25Page - Torex Semiconductor XCL231 Datasheet HTML 26Page - Torex Semiconductor XCL231 Datasheet HTML 27Page - Torex Semiconductor XCL231 Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
24/37
XCL230/XCL231 Series
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100 125
Ambient Temperature :Ta[℃]
XCL230/XCL231
VIN=12V
0.96
1.04
1.12
1.20
1.28
1.36
1.44
-50
-25
0
25
50
75
100 125
Ambient Temperature :Ta[℃]
XCL230/XCL231
VIN=12V
RLXH
RLXL
2.5
2.6
2.7
2.8
2.9
3.0
-50
-25
0
25
50
75
100 125
Ambient Temperature :Ta[℃]
XCL230/XCL231
0.740
0.745
0.750
0.755
0.760
-50
-25
0
25
50
75
100 125
Ambient Temperature :Ta[℃]
XCL230/XCL231
VIN=12V
VUVLOD(Detect Voltage)
VUVLOR(Release Voltage)
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100 125
Ambient Temperature :Ta[℃]
XCL231B0K1H2
VIN=12V
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100 125
Ambient Temperature :Ta[℃]
XCL230B0K1H2
VIN=12V
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) FB Voltage vs. Ambient Temperature
(5) UVLO Voltage vs. Ambient Temperature
(6) Oscillation Frequency vs. Ambient Temperature
(7) Lx SW On Resistance vs. Ambient Temperature
(8) Quiescent Current vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com