Electronic Components Datasheet Search
  English  ▼

X  

XCL231 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XCL231
Description  36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL231 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XCL231 Datasheet HTML 8Page - Torex Semiconductor XCL231 Datasheet HTML 9Page - Torex Semiconductor XCL231 Datasheet HTML 10Page - Torex Semiconductor XCL231 Datasheet HTML 11Page - Torex Semiconductor XCL231 Datasheet HTML 12Page - Torex Semiconductor XCL231 Datasheet HTML 13Page - Torex Semiconductor XCL231 Datasheet HTML 14Page - Torex Semiconductor XCL231 Datasheet HTML 15Page - Torex Semiconductor XCL231 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
12/37
XCL230/XCL231 Series
Error
Amp.
PWM
Comparator
Lx
FB
Vref
Soft Start
Each
Circuit
Inductor
L2
L1
EN/SS
Oscillator
Ramp Wave
Generator
CE
Controller
Logic
Local
Reg
Under
Voltage
Lock Out
Thermal
Shutdown
Operation
Enable
High
Side
Buffer
Low
Side
Buffer
Gate
CLAMP
Current
Limit
PFM
Current
Limit
Current
Feed
Back
Current
SENSE
PWM/PFM
Controller
Logic
Each
Circuit
VIN
GND
Power-Good
Comparator
PG
■
OPERATIONAL EXPLANATION
The XCL230/XCL231 series consists internally of a reference voltage supply with soft-start function, a ramp wave circuit, an
error amp, a PWM comparator, a High side driver FET, a Low side driver FET, a High side buffer circuit, a Low side buffer circuit,
a current sense circuit, a phase compensation (Current feedback) circuit, a current limiting circuit, an under voltage lockout
(UVLO) circuit, an internal power supply (Local Reg) circuit, a gate clamp (CLAMP) circuit and other elements.
The control method is the current mode control method for handling low ESR ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com