Electronic Components Datasheet Search
  English  ▼

X  

XCL231 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCL231
Description  36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL231 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCL231 Datasheet HTML 10Page - Torex Semiconductor XCL231 Datasheet HTML 11Page - Torex Semiconductor XCL231 Datasheet HTML 12Page - Torex Semiconductor XCL231 Datasheet HTML 13Page - Torex Semiconductor XCL231 Datasheet HTML 14Page - Torex Semiconductor XCL231 Datasheet HTML 15Page - Torex Semiconductor XCL231 Datasheet HTML 16Page - Torex Semiconductor XCL231 Datasheet HTML 17Page - Torex Semiconductor XCL231 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
14/37
XCL230/XCL231 Series
V1
EN/SS
V1
VOUT
tss1
90% of setting voltage
< Internal soft start EN/SS circuit >
< Overview of internal soft start >
RSS
V1
CSS
EN/SS
EN/SS
VOUT
tss2
90% of setting voltage
1.45V
V1
< External soft start EN/SS circuit >
< Overview of external soft start >
■
OPERATIONAL EXPLANATION (Continued)
< CE Function >
When an “H” voltage (VEN/SSH) is input to the EN/SS pin, normal operation is performed after the output voltage is started up by
the soft start function, normal operation is performed. When the “L” voltage (VEN/SSL) is input to the EN/SS pin, the circuit enters
the standby state, the supply current is suppressed to the standby current ISTB (TYP. 1.65μA), and the High side driver FET and
Low side driver FET are turned off.
< Soft Start Function >
This function gradually starts up the output voltage to suppress the inrush current.
The soft start time is the time until the output voltage from VEN/SSH reaches 90% of the output voltage set value, and when the
output voltage increases further, the soft start function is cancelled to switch to normal operation.
Internal Soft Start Time
The internal soft start time (tSS1) is configured so that after the “H” voltage (VEN/SSH) is input to the EN/SS pin, the standard voltage
connected to the error amplifier increases linearly during the soft-start period. This causes the output voltage to increase
proportionally to the standard voltage increase. This operation suppresses the inrush current and smoothly increases the output
voltage.
External Setting Soft Start Time
The external setting soft start time (tSS2) can adjust the increase speed of the standard voltage in the IC by adjusting the EN/SS
pin voltage inclination during startup using externally connected component RSS and CSS. This makes it possible to externally
adjust the soft start time.
Soft start time (tSS2) is approximated by the equation below according to values of V1, RSS, and CSS
When tss2 is shorter than tss1, the output voltage rises at the internal soft start time.
tss2=Css×Rss× ln ( V1 / (V1-1.45V) )
【
Setting Example】
CSS = 0.47μF, RSS = 430kΩ, V1 = 12V
tSS2 = 0.47μF x 430kΩ x ( ln (12V/(12V-1.45V)) = 26ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com