Electronic Components Datasheet Search
  English  ▼

X  

XCL231 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XCL231
Description  36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL231 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XCL231 Datasheet HTML 15Page - Torex Semiconductor XCL231 Datasheet HTML 16Page - Torex Semiconductor XCL231 Datasheet HTML 17Page - Torex Semiconductor XCL231 Datasheet HTML 18Page - Torex Semiconductor XCL231 Datasheet HTML 19Page - Torex Semiconductor XCL231 Datasheet HTML 20Page - Torex Semiconductor XCL231 Datasheet HTML 21Page - Torex Semiconductor XCL231 Datasheet HTML 22Page - Torex Semiconductor XCL231 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19/37
XCL230/XCL231
Series
■
NOTES ON USE (Continued)
10) Pattern Layout Instructions
(1) The operation may become unstable due to noise and/or phase lag from the output current when the wire impedance is
high. Please place the input capacitor (CIN1, CIN2) and the output capacitor (CL) as close to the IC as possible.
(2) In order to stabilize the VIN voltage level, we recommend that a bypass capacitor (CIN1, CIN2) be connected as close as
possible to the VIN and GND pins.
(3) Please mount each external component as close to the IC as possible.
(4) Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit
impedance.
(5) Make sure that the GND traces are as thick as possible, as variations in ground potential caused
by high ground currents at the time of switching may result in instability of the IC.
(6) This product has a built in driver FET, which causes heat generation from the on resistance, so take measures to dissipate
the heat when necessary.
< Reference Pattern Layout >
< Layer1 >
< Layer2 >
< Layer3 >
< Layer4 >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com