Electronic Components Datasheet Search
  English  ▼

X  

XCL231 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCL231
Description  36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL231 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCL231 Datasheet HTML 9Page - Torex Semiconductor XCL231 Datasheet HTML 10Page - Torex Semiconductor XCL231 Datasheet HTML 11Page - Torex Semiconductor XCL231 Datasheet HTML 12Page - Torex Semiconductor XCL231 Datasheet HTML 13Page - Torex Semiconductor XCL231 Datasheet HTML 14Page - Torex Semiconductor XCL231 Datasheet HTML 15Page - Torex Semiconductor XCL231 Datasheet HTML 16Page - Torex Semiconductor XCL231 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13/37
XCL230/XCL231
Series
fOSC
0mA
Coil
Current
Lx
0V
IOUT
tON
fOSC
0mA
Coil
Current
Lx
0V
IOUT
tON
XCL230 series
: Example of light load operation
XCL230 series: Example of heavy load operation
0mA
IPFM
Coil
Current
Lx
0V
IOUT
tON
fOSC
0mA
Coil
Current
Lx
0V
IOUT
tON
XCL231 series
: Example of light load operation
XCL231 series: Example of heavy load operation
■
OPERATIONAL EXPLANATION (Continued)
< Normal Operation >
The standard voltage Vref and FB pin voltage are compared using an error amplifier and then the control signal to which phase
compensation has been added to the error amplifier output is input to the PWM comparator. The PWM comparator compares the
above control signal and lamp wave to control the duty width during PWM control. Continuously conducting these controls
stabilizes the output voltage.
In addition, the current detecting circuit monitors the driver FET current for each switching and modulates the error amplifier
output signal into a multiple feedback signal (current feedback circuit). This achieves stable feedback control even when low ESR
capacitors, such as ceramic capacitors, are used to stabilize the output voltage.
XCL230 Series
The XCL230 Series (PWM control) performs switching at a set switching frequency fOSC regardless of the output current. At light
loads the on time is short and the circuit operates in discontinuous mode, and as the output current increases, the on time becomes
longer and the circuit operates in continuous mode.
XCL231 Series
The XCL231 Series (PWM/PFM automatic switching control) lowers the switching frequency during light loads by turning on the
High side driver FET when the coil current reaches the PFM current (IPFM). This operation reduces the loss during light loads and
achieves high efficiency from light to heavy loads. As the output current increases, the switching frequency increases proportional
to the output current, and when the switching frequency increases fOSC, the circuit switches from PFM control to PWM control and
the switching frequency becomes fixed.
< 100% Duty Cycle Mode >
When the dropout voltage is low or there is a transient response, the circuit might change to the 100% Duty cycle mode where
the High side driver FET is continuously on.
The 100% Duty cycle mode operation makes it possible to maintain the output current even when the dropout voltage is low
such as when the input voltage declines due to cranking, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com