Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 4 Page - Analog Devices

  LTM4653 Datasheet HTML 1Page - Analog Devices LTM4653 Datasheet HTML 2Page - Analog Devices LTM4653 Datasheet HTML 3Page - Analog Devices LTM4653 Datasheet HTML 4Page - Analog Devices LTM4653 Datasheet HTML 5Page - Analog Devices LTM4653 Datasheet HTML 6Page - Analog Devices LTM4653 Datasheet HTML 7Page - Analog Devices LTM4653 Datasheet HTML 8Page - Analog Devices LTM4653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
LTM4655
4
Rev. 0
For more information www.analog.com
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4655EY#PBF
SAC305 (RoHS)
LTM4655Y
e1
BGA
3
–40°C to 125°C
LTM4655IY#PBF
SAC305 (RoHS)
LTM4655Y
e1
BGA
3
–40°C to 125°C
LTM4655MPY#PBF
SAC305 (RoHS)
LTM4655Y
e1
BGA
3
–55°C to 125°C
LTM4655IY
SnPb (63/37)
LTM4655Y
e0
BGA
3
–40°C to 125°C
LTM4655MPY
SnPb (63/37)
LTM4655Y
e0
BGA
3
–55°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SVINn(DC), VINn(DC) Input DC Voltage in Positive-VOUT
Configuration
VOUTn– = GND
l
3.1
40
V
VOUTn(RANGE)+
Range of Positive Output Voltage
Regulation
0.5V ≤ ISET
na–SVOUTn– ≤ 26.5V, IOUTn+ = 0A
(See Note 7)
l
0.5
26.5
V
VOUTn(24VDC)+
Output Voltage Total Variation with Line
and Load at VOUTn+ = 24V
29V ≤ VINn ≤ 40V, 0A ≤ IOUTn+ ≤ 4A, CINHn
= 4.7μF, CDn = 4.7μF, COUTHn = 2 × 47μF,
CLKIN
n Driven with 1.5MHz Clock
l
23.6
24
24.4
V
VOUTn(0.5VDC)+
Output Voltage Total Variation with Line
and Load at VOUTn+ = 0.5V
Measuring VOSNSn+ to ISETna
3.1V ≤ VINn ≤ 13.2V, 0A ≤ IOUTn+ ≤ 4A, CINHn
= 4.7μF, CDn = 4.7μF, COUTHn = 2 × 47μF,
ISET
na = 500mV, RfSETn = N/U (Note 6)
l
–15
0
15
mV
RSVINFn
Resistor Between SVINn and SVINFn
1
Ω
Input Specifications
VINn(UVLO)
SVINn Undervoltage Lockout Threshold SVINn Rising
SVINn Falling
Hysteresis
l
l
l
2.4
150
2.85
2.6
250
3.1
2.9
V
V
mV
IINRUSH(VINn)
Input Inrush Current at Start-Up
CINHn = 4.7μF, CDn = 4.7μF, COUTHn = 2 ×
47μF; IOUTn+ = 0A, ISETna Electrically
Connected to ISET
nb
300
mA
IQ(SVINn)
Input Supply Bias Current
Shutdown, RUN
n = GND
RUN
n = 3.3V
16
450
30
μA
μA
IS(VINn)
Input Supply Current
CLKIN
n Open Circuit, IOUTn+ = 4A
2.9
A
IS(VINn, SHUTDOWN)
Input Supply Current in Shutdown
Shutdown, RUN
n = GND
4
µA
Output Specifications
IOUTn+
VOUTn+ Output Continuous Current
Range
(Note 3)
0
4
A
∆VOUTn(LINE)+/
VOUTn+
Line Regulation Accuracy
IOUTn+ = 0A, 29V ≤ VINn ≤ 40V
l
0.05
0.1
%
∆VOUTn(LOAD)+/
VOUTn+
Load Regulation Accuracy
VINn = 36V, 0A ≤ IOUTn+ ≤ 4A
l
0.05
0.75
%
VOUTn(AC)+
Output Voltage Ripple, VOUTn+
VINn = 12V, ISETna = 5V
2
mVP-P
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 5). TA = 25°C, Test Circuit 1 (positive-VOUT,
noninverting step-down configuration with VOUTn– = GND), VINn = SVINn = 36V, EXTVCCn = 24V, RUNn = 3.3V, RISETn = 480k, RfSETn+ =
57.6kΩ, fSWn = 1.5MHz (CLKINn driven with 1.5MHz clock signal) and voltages referred to GND unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com