Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 8Page - Analog Devices LTM4653 Datasheet HTML 9Page - Analog Devices LTM4653 Datasheet HTML 10Page - Analog Devices LTM4653 Datasheet HTML 11Page - Analog Devices LTM4653 Datasheet HTML 12Page - Analog Devices LTM4653 Datasheet HTML 13Page - Analog Devices LTM4653 Datasheet HTML 14Page - Analog Devices LTM4653 Datasheet HTML 15Page - Analog Devices LTM4653 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
LTM4655
12
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, single channel negative-VOUTn–
operation only, unless otherwise noted.
–12V Efficiency vs Load Current
–15V Efficiency vs Load Current
–24V Efficiency vs Load Current
Rated Operating Output Voltage
–3.3V Efficiency vs Load Current
–5V Efficiency vs Load Current
5VIN, 400kHz
12VIN, 400kHz
24VIN, 450kHz
36VIN, 500kHz
LOAD CURRENT (A)
0
1
2
3
4
70
75
80
85
90
95
4651 G13
LOAD CURRENT (A)
0
1
2
3
4
70
75
80
85
90
95
4651 G14
5VIN, 400kHz
12VIN, 550kHz
24VIN, 600kHz
36VIN, 600kHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
70
75
80
85
90
95
4651G15h
5VIN, 475kHz
12VIN, 825kHz
24VIN, 1.1MHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
70
75
80
85
90
95
4655 G16
5VIN, 500kHz
12VIN, 875kHz
24VIN, 1.2MHz
5VIN, 550kHz
12VIN, 1MHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
70
75
80
85
90
95
4655 G17
SAFE OPERATING AREA
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
–30
–25
–20
–15
–10
–5
0
4655 G18
Output Current Capability*
VOUT– = –0.5V
VOUT– = –3.3V
VOUT– = –5V
VOUT– = –8V
VOUT– = –12V
VOUT– = –15V
VOUT– = –20V
VOUT– = –24V
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT CURRENT CAPABILITY*
4655 G12
*Current limit frequency-foldback activates at load currents higher than indicated curves. Continuous channel output current capability subject to details of
application implementation. Switching frequency set per Table 1. See Notes 2 and 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com