Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 19Page - Analog Devices LTM4653 Datasheet HTML 20Page - Analog Devices LTM4653 Datasheet HTML 21Page - Analog Devices LTM4653 Datasheet HTML 22Page - Analog Devices LTM4653 Datasheet HTML 23Page - Analog Devices LTM4653 Datasheet HTML 24Page - Analog Devices LTM4653 Datasheet HTML 25Page - Analog Devices LTM4653 Datasheet HTML 26Page - Analog Devices LTM4653 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
LTM4655
23
Rev. 0
For more information www.analog.com
Test Circuit 3. Clock-Generator, 5V LDO and Temperature-Sensor
TEST CIRCUIT
APPLICATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Positive-VOUT Operation
(Noninverting Step-Down)
(Test Circuit 1)
CINHn, CDn
External High Frequency Input Capacitor Requirement,
27V ≤ VIN1–GND1 ≤40V, VOUT+ = 24V
IOUT+ = 4A
9.4
μF
COUTHn
External High Frequency Output Capacitor Requirement
27V ≤ VIN1–GND1 ≤ 40V, VOUT+ = 24V
IOUT+ = 4A
22
μF
Negative-VOUT– Operation
(Inverting Output Buck-Boost)
(Test Circuit 2)
CINHn, CDn
External High Frequency Input Capacitor Requirement,
3.6V ≤VIN2–GND2 ≤ 16V, VOUT– = –24V
IOUT– = 2A
9.4
μF
COUTHn
External High Frequency Output Capacitor Requirement
3.6V ≤ VIN2–GND2 ≤ 16V, VOUT– = –24V
IOUT– = 2A
22
μF
DECOUPLING REQUIREMENTS
TA = 25°C. Refer to Test Circuit 1 and Test Circuit 2.
LTM4655
0.1 F
VIN
4.5V
TO 40V
4655 TC03
PINS NOT SHOWN AND NOT TESTED
IN THIS TEST CIRCUIT:
VINn, SVINn, SVINFn, VDn, RUNn, VOUTn+,
VOSNSn+, VOUTn–, SVOUTn–, CLKINn,
INTVCCn, EXTVCCn, VINREGn, COMPna,
COMP
nb, fSETn, ISETna, ISETnb, IMONna,
IMON
nb, PGDFBn, PGOODn, NC
TEMP–
LDOIN
GND
LDOOUT
CLKSET
CLKOUT1
CLKOUT2
MOD
TEMP+
RCLKSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com