Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 13Page - Analog Devices LTM4653 Datasheet HTML 14Page - Analog Devices LTM4653 Datasheet HTML 15Page - Analog Devices LTM4653 Datasheet HTML 16Page - Analog Devices LTM4653 Datasheet HTML 17Page - Analog Devices LTM4653 Datasheet HTML 18Page - Analog Devices LTM4653 Datasheet HTML 19Page - Analog Devices LTM4653 Datasheet HTML 20Page - Analog Devices LTM4653 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
LTM4655
17
Rev. 0
For more information www.analog.com
PGDFB1 (D2): Channel 1 Power Good Feedback
Programming Pin. Connect PGDFB1 to VOSNS1+ through a
resistor, RPGDFB1. RPGDFB1 configures the voltage thresh-
old of (VOUT1+ – VOUT1–) for which PGOOD1 toggles its
state. If the PGOOD1 feature is used, set RPGDFB1 to:
RPGDFB1 =
VOUT1+ – VOUT1–
0.6V
– 1 • 4.99k
(1)
Otherwise, leave PGDFB1 open circuit.
A small filter capacitor (220pF) internal to the LTM4655
on this pin provides high frequency noise immunity for
the PGOOD1 output indicator.
PGDFB2 (D7): Channel 2 Power Good Feedback
Programming Pin. Connect PGDFB2 to VOSNS2+ through a
resistor, RPGDFB2. RPGDFB2 configures the voltage thresh-
old of (VOUT2+ – VOUT2–) for which PGOOD2 toggles its
state. If the PGOOD2 feature is used, set RPGDFB2 accord-
ing to Equation 2.
RPGDFB2 =
VOUT2+ – VOUT2–
0.6V
– 1
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
• 4.99k
(2)
Otherwise, leave PGDFB2 open circuit.
A small filter capacitor (220pF) internal to the LTM4655
on this pin provides high frequency noise immunity for
the PGOOD2 output indicator.
fSET1 (E3): Channel 1 Oscillator Frequency Programming
Pin. The default switching frequency of channel 1 is
400kHz. If needed, the programmed frequency can be
increased by connecting a resistor between fSET1 and
SVOUT1–. Keep fSET1-related trace lengths short. (See the
Applications Information section.) Note the synchroniza-
tion range of CLKIN1 is approximately ±40% of the oscil-
lator frequency programmed by this fSET1 pin.
fSET2 (E8): Channel 2 Oscillator Frequency Programming
Pin. The default switching frequency of channel 2 is
400kHz. If needed, the programmed frequency can be
increased by connecting a resistor between fSET2 and
SVOUT2–. Keep fSET2-related trace lengths short. (See the
Applications Information section.) Note the synchroniza-
tion range of CLKIN2 is approximately ±40% of the oscil-
lator frequency programmed by this fSET2 pin.
CLKIN1 (B1): Channel 1 Mode Select and Oscillator
Synchronization Input. Referred to GND. Leave CLKIN1
open circuit for forced continuous mode operation.
Alternatively, this pin can be driven so as to synchronize
the switching frequency of channel 1 to a clock signal.
In this condition, channel 1 operates in forced continu-
ous mode and the cycle-by-cycle turn-on of its primary
MOSFET is coincident with the rising edge of the clock
applied to CLKIN1. Note the synchronization range of
CLKIN1 is approximately ±40% of the oscillator frequency
programmed by the fSET1 pin. (See the Applications
Information section.) The LTM4655 contains a built-in
dual 180° out-of-phase clock generator. Electrically con-
nect CLKIN1 to CLKOUT1 with a short trace, if desired,
to synchronize the switching frequency of channel  1
to CLKOUT1. If 0° phase interleaving is desired, connect
CLKOUT1 to both CLKIN1 and CLKIN2.
CLKIN2 (B6): Channel 2 Mode Select and Oscillator
Synchronization Input. Referred to GND. Leave CLKIN2
open circuit for forced continuous mode operation.
Alternatively, this pin can be driven so as to synchronize
the switching frequency of channel 2 to a clock signal. In
this condition, channel 2 operates in forced continuous
mode and the cycle-by-cycle turn-on of its primary
MOSFET is coincident with the rising edge of the clock
applied to CLKIN2. Note the synchronization range of
CLKIN2 is approximately ±40% of the oscillator frequency
programmed by the fSET2 pin. (See the Applications
Information section.) The LTM4655 contains a built-in
dual 180° out-of-phase clock generator. Electrically
connect CLKIN2 to CLKOUT2 with a short trace, if desired,
to synchronize the switching frequency of channel 2
to CLKOUT2. If 0° phase interleaving is desired, connect
CLKOUT1 to both CLKIN1 and CLKIN2.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com