Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 3 Page - Analog Devices

  LTM4653 Datasheet HTML 1Page - Analog Devices LTM4653 Datasheet HTML 2Page - Analog Devices LTM4653 Datasheet HTML 3Page - Analog Devices LTM4653 Datasheet HTML 4Page - Analog Devices LTM4653 Datasheet HTML 5Page - Analog Devices LTM4653 Datasheet HTML 6Page - Analog Devices LTM4653 Datasheet HTML 7Page - Analog Devices LTM4653 Datasheet HTML 8Page - Analog Devices LTM4653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
LTM4655
3
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Channel 1 Terminal Voltages (All Channel 1 Terminal
Voltages Relative to VOUT1– Unless Otherwise Indicated)
VIN1, VD1, SVIN1, SVINF1, SW1.................... –0.3V to 42V
GND, EXTVCC1, VOUT1+, VOSNS1+,
ISET1a , ISET1b ..................................... –0.3V to 28V
INTVCC1, PGDFB1, VINREG1, COMP1a,
IMON1a, IMON1b..................................... –0.3V to 4V
fSET1.................................................... –0.3V to INTVCC1
RUN1 ...................................GND–0.3V to VOUT1– + 32V
PGOOD1, CLKIN1 (Relative to GND)............. –0.3V to 6V
Channel 2 Terminal Voltages (All Channel 2 Terminal
Voltages Relative to VOUT2– Unless Otherwise Indicated)
VIN2, VD2, SVIN2, SVINF2, SW2 ................... –0.3V to 42V
GND, EXTVCC2, VOUT2+, VOSNS2+,
ISET2a, ISET2b...................................... –0.3V to 28V
INTVCC2, PGDFB2, VINREG2, COMP2a,
IMON2a, IMON2b .................................... –0.3V to 4V
fSET2.................................................... –0.3V to INTVCC2
RUN2 ...................................GND–0.3V to VOUT2– + 32V
PGOOD2, CLKIN2 (Relative to GND) ............ –0.3V to 6V
LDO and Clock Generator Voltages (All LDO and Clock
Generator Terminal Voltages Relative to GND Unless
Otherwise Indicated)
LDOIN......................................................... –0.3V to 42V
CLKSET, MOD ...........................–0.3V to LDOOUT + 0.3V
Terminal Currents
INTVCCn Peak Output Current (Note 10) ................30mA
TEMP+......................................................–1mA to 10mA
TEMP– .....................................................–10mA to 1mA
Temperatures Internal Operating Temperature
Range (Note 2 and Note 9)
E- and I-Grade ................................... –40°C to 125°C
MP-Grade .......................................... –55°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Package Body Temperature During Reflow .. 245°C
(Note 1 and Note 5)
1
M
L
K
J
H
G
F
E
D
C
B
A
BGA PACKAGE
144-LEAD (16mm × 16mm × 5.01mm)
TJ(MAX) = 125°C; θJA = 11.9°C/W;
θJCtop = 10°C/W; θJCbot = 2.6°C/W;
WEIGHT = 3.3 GRAMS
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
VIN1
GND
VD1
CLKIN1 CLKOUT1
IMON1b IMON1a SVIN1
PGOOD1
COMP1b COMP1a fSET1 SVOUT1–
ISET1b ISET1a EXTVCC1 RUN1
PGDFB1 VINREG1
VIN2
VD2
VOUT1+
VOUT2+
NC
NC
VOSNS1+ SVOUT1–
VOUT1–
VOUT1–
SW1
VOUT1–
TEMP+ TEMP–
VOUT1–
VOUT1–
VOSNS2+SVOUT2–
SW2
VOSNS1+ SVOUT1– INTVCC1
GND
CLKIN2 CLKOUT2
IMON2b IMON2a SVIN2
PGOOD2
COMP2b COMP2a fSET2 SVOUT2–
ISET2b ISET2a EXTVCC2 RUN2
PGDFB2 VINREG2
VOUT2–
VOSNS2+ SVOUT2– INTVCC2
VOUT1–
VOUT2–
VOUT2–
VOUT2–
SVINF1 LDOIN
SVINF2 CLKOUT2
GND
MOD
CLKSET
LDOOUT
NC
NC
VOUT2–
NOTES:
1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS.
2) θJA VALUE IS OBTAINED WITH DEMO BOARD.
3) REFER TO APPLICATION INFORMATION SECTION FOR LAB MEASUREMENT
AND DERATING INFORMATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com