Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 12Page - Analog Devices LTM4653 Datasheet HTML 13Page - Analog Devices LTM4653 Datasheet HTML 14Page - Analog Devices LTM4653 Datasheet HTML 15Page - Analog Devices LTM4653 Datasheet HTML 16Page - Analog Devices LTM4653 Datasheet HTML 17Page - Analog Devices LTM4653 Datasheet HTML 18Page - Analog Devices LTM4653 Datasheet HTML 19Page - Analog Devices LTM4653 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
LTM4655
16
Rev. 0
For more information www.analog.com
INTVCC2 (G8): Channel 2 Internal Regulator, 3.3V Output
with Respect to VOUT2–. Channel 2 internal control circuits
and MOSFET drivers derive power from INTVCC2 bias.
Leave INTVCC2 open circuit. An LDO generates INTVCC2
from either SVIN2 or EXTVCC2, when RUN2 is logic high
(RUN2–GND > 1.2V). The INTVCC2 LDO is turned off when
RUN2 is logic low (RUN2–GND < 1.2V). (See EXTVCC2.)
EXTVCC1 (F3): External Bias, Auxiliary Input to the
INTVCC1 Regulator. When EXTVCC1–VOUT1– > 3.2V and
SVIN1 > 5V and RUN1–GND > 1.2V, the INTVCC1 LDO
derives power from EXTVCC1 bias instead of SVIN1. This
technique reduces LDO losses considerably, resulting in
a corresponding reduction in module junction tempera-
ture. For applications in which 4V < VOUT1+ – VOUT1– <
28V, connect EXTVCC1 to VOUT1+ through a 15Ω~110Ω
resistor and locally decouple EXTVCC1 to VOUT1– with a
1μF ceramic capacitor. Otherwise, connect EXTVCC1 to
VOUT1– or leave EXTVCC1 open circuit. See the Applications
Information section.
EXTVCC2 (F8): External Bias, Auxiliary Input to the
INTVCC2 Regulator. When EXTVCC2–VOUT2– > 3.2V and
SVIN2 > 5V and RUN2–GND >1.2V, the INTVCC2 LDO
derives power from EXTVCC2 bias instead of SVIN2. This
technique reduces LDO losses considerably, resulting in
a corresponding reduction in module junction tempera-
ture. For applications in which 4V < VOUT2+ – VOUT2– <
28V, connect EXTVCC2 to VOUT2+ through a 15Ω~110Ω
resistor and locally decouple EXTVCC2 to VOUT2– with a
1μF ceramic capacitor. Otherwise, connect EXTVCC2 to
VOUT2– or leave EXTVCC2 open circuit. See the Applications
Information section.
ISET1b (F1): 1.5nF Soft-Start Capacitor for Channel 1.
Connect ISET1b to ISET1a to achieve default soft-start
characteristics on channel 1, if desired. See ISET1a.
ISET2b (F6): 1.5nF Soft-Start Capacitor for Channel 2.
Connect ISET2b to ISET2a to achieve default soft-start
characteristics on channel 2, if desired. See ISET2a.
ISET1a (F2): Accurate 50μA Current Source. Positive
input to the error amplifier of channel 1. Connect a resis-
tor RISET1a = ((VOUT1+ – VOUT1–)/50μA) from this pin
to SVOUT1– local to the module to program the desired
channel 1 output voltage magnitude, VOUT1+ – VOUT1–. A
capacitor can be connected from ISET1a to SVOUT1– to
soft-start channel 1’s output voltage, i.e., reduce its start-
up inrush current. Connect ISET1a to ISET1b in order to
achieve default soft-start characteristics if desired. (See
ISET1b.)
In addition, the channel 1 output of the LTM4655 can
track a voltage applied to this pin. (See the Applications
Information section.)
ISET2a (F7): Accurate 50μA Current Source. Positive
input to the error amplifier of channel 1. Connect a resis-
tor RISET2a = ((VOUT2+ – VOUT2–)/50μA) from this pin
to SVOUT2– local to the module to program the desired
channel 2 output voltage magnitude, VOUT2+ – VOUT2–. A
capacitor can be connected from ISET2a to SVOUT2– to
soft-start channel 2’s output voltage, i.e., reduce its start-
up inrush current. Connect ISET2a to ISET2b in order
to achieve default soft-start characteristics if desired.
(See ISET2b.)
In addition, the channel 2 output of the LTM4655 can
track a voltage applied to this pin. (See the Applications
Information section.)
PGOOD1 (D1): Channel 1 Power Good Indicator, Open-
Drain Output Pin. PGOOD1 is high impedance when
PGDFB1–SVOUT1– is within approximately ±7.5% of
0.6V. PGOOD1 is pulled to GND when PGDFB1 is outside
this range.
PGOOD2 (D6): Channel 2 Power Good Indicator, Open-
Drain Output Pin. PGOOD2 is high impedance when
PGDFB2–SVOUT2– is within approximately ±7.5% of
0.6V. PGOOD2 is pulled to GND when PGDFB2 is outside
this range.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com