Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 42 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 38Page - Analog Devices LTM4653 Datasheet HTML 39Page - Analog Devices LTM4653 Datasheet HTML 40Page - Analog Devices LTM4653 Datasheet HTML 41Page - Analog Devices LTM4653 Datasheet HTML 42Page - Analog Devices LTM4653 Datasheet HTML 43Page - Analog Devices LTM4653 Datasheet HTML 44Page - Analog Devices LTM4653 Datasheet HTML 45Page - Analog Devices LTM4653 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
LTM4655
42
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION—DERATING CURVES
Figure 11. 12VIN Power Loss
Curve
Figure 12. 24VIN Power Loss Curve
Settings per Table 11 and Table 12.
5.0VOUT, 400kHz
3.3VOUT, 400kHz
2.5VOUT, 400kHz
1.8VOUT, 400kHz
1.5VOUT, 400kHz
1.2VOUT, 400kHz
1.0VOUT, 400kHz
OUTPUT CURRENT (A)
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
Figure 10. 12VIN Power Loss Curve
4655 F10
15VOUT, 750kHz
12VOUT, 800kHz
5.0VOUT, 550kHz
3.3VOUT, 400kHz
2.5VOUT, 400kHz
1.8VOUT, 400kHz
1.5VOUT, 400kHz
1.2VOUT, 400kHz
1.0VOUT, 400kHz
OUTPUT CURRENT (A)
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
IN
4655 F11
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F14
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F15
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F16
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F17
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F13
Figure 13. 5V to 1VOUT Derating
Curve, No Heat Sink
Figure 14. 12V to 1VOUT
Derating Curve, No Heat Sink
Figure 15. 24V to 1VOUT
Derating Curve, No Heat Sink
Figure 16. 5V to 1VOUT Derating
Curve, with BGA Heat Sink
Figure 17. 12V to 1VOUT Derating
Curve, with BGA Heat Sink
Figure 18. 24V to 1VOUT Derating
Curve, with BGA Heat Sink
Figure 19. 12V to 5VOUT
Derating Curve, No Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com