Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 119 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 119 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 115Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 116Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 117Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 118Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 119Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 120Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 121Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 122Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 123Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-113
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Graphics Engine Core
GEbase + 10 - Right View Display Base Address ...........RW
31
Right View Active
0
Inactive (use VGA style for display start
address) ..................................................default
1
Active (use the base register address in this
register for the display starting address)
30-24 Reserved
........................................ always reads 0
23-0 Right View Display Starting Address
Writing to this register sets Status Register bit-21 to 0. Later
when the address is used to display a frame, the status bit is
changed to 1.
GEbase + 14 - Left View Display Base Address..............RW
31
Left View Active
0
Disable (only Right View Display Starting
Address is used) .....................................default
1
Enable (Right View Display Starting Address
is used for the right view and this register for
the left view;
hardware will use these two
addresses alternately)
30-24 Reserved
........................................ always reads 0
23-0 Left View Display Starting Address
Writing to this register sets Status Register bit-20 to 0. Later
when the address is used to display a frame, the status bit is
changed to 1.
GEbase + 18 – Block Write Start Address...................... RW
31
Linear Mode
0
Fill a rectangle area................................ default
1
Fill a linear area
30-24 Reserved
........................................ always reads 0
23-0 Starting Address (in multiples of 64 bytes)
GEbase + 1C – Block Write Area / End Address........... RW
Rectangle Area Fill Mode
31-28 Reserved
........................................ always reads 0
27-16 Height of the Area
15-12 Reserved
........................................ always reads 0
11-0 Width of the Area (in bytes)
Stride is Destination Stride in port 21C0h
Linear Area Fill Mode
31-0 End Address (in multiples of 64 bytes inclusive)
Writing to this register triggers a Memory Set operation.
Color for this operation is specified in the Foreground register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com