Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 121 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 121 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 117Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 118Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 119Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 120Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 121Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 122Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 123Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 125Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-115
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
GEbase + 24 – Graphics Engine Control ....................... WO
7
Reset
0
Normal operation ...................................default
1
Reset all internal registers and pointers. Reset
is performed by setting this bit to 1 and then
back to 0.
6-4
Reserved
........................................ always reads 0
3-0
Debug Module Select ............................... default = 0
Module to Debug
GE Register 28
000 None
undefined
001 Setup Engine
SE Status
010 Rasterization Engine
RE Status
011 Pixel Engine
PE Status
100 Memory Interface
MI Status
101 Cmd List Ctrl Unit
Cmd List Start Address
110 Cmd List Ctrl Unit
Cmd List End Address
111 -reserved-
n/a
GEbase + 28 – Graphics Engine Debug............................RO
31-0 Engine Module Status
(See register 24 bits 3-0 above)
GEbase + 2C – Graphics Engine Wait Mask ................. RW
31-0 Wait Mask
When writing to this register, hardware will monitor
the value of M (Wait Mask & Status). If M is not 0,
the Graphics Engine (including the RE, SE, PE, and
MI) will not accept new registers from the host CPU
or AGP bus. This register is cleared by the hardware
when M = 0. Only bits 31-28, 26, 23, and 21-20 are
effective (all other bits are ignored).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com