Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 4 Page - Texas Instruments

  TLVM13630 Datasheet HTML 1Page - Texas Instruments TLVM13630 Datasheet HTML 2Page - Texas Instruments TLVM13630 Datasheet HTML 3Page - Texas Instruments TLVM13630 Datasheet HTML 4Page - Texas Instruments TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
5 Pin Configuration and Functions
RT
EN
VIN
VIN
PGND
PGND
VOUT
VOUT
DNC
VIN
VIN
PGND
PGND
VOUT
VOUT
DNC
1
2
3
4
5
6
7
8
21
20
19
18
17
16
15
14
27
AGND
28
PGND
29
PGND
30
VOUT
Figure 5-1. 30-Pin QFN, RDH Package (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AGND
24, 27
G
Analog ground. Zero voltage reference for internal references and logic. All electrical parameters
are measured with respect to this pin. This pin must be connected to PGND at a single point.
See Section 10.2 for a recommended layout.
DNC
20, 21
-
Do Not Connect. Do not connect these pins to ground, to another DNC pin, or to any other voltage.
These pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
EN
2
I
Precision enable input pin. High = on, low = off. Can be connected to VIN. Precision enable allows
the pin to be used as an adjustable UVLO. Place an external voltage divider between this pin,
AGND, and VIN to create an external UVLO.
FB
25
I
Feedback input. Connect the mid-point of the feedback resistor divider to this pin. Connect the
upper resistor (RFBT) of the feedback divider to VOUT at the desired point of regulation. Connect the
lower resistor (RFBB) of the feedback divider to AGND. Do not leave open or connect to ground.
PG
26
O
Power-good pin. Open-drain output that asserts low if the feedback voltage is not within the
specified window thresholds. A 10-kΩ to 100-kΩ pullup resistor is required to a suitable pullup
voltage. If not used, this pin can be left open or connected to PGND.
PGND
5, 6, 16, 17,
28, 29
G
Power ground. This is the return current path for the power stage of the device. Connect this pad to
the input supply return, the load return, and the capacitors associated with the VIN and VOUT pins.
See Section 10.2 for a recommended layout.
RT
1
I
Frequency setting pin. Use this analog pin to set the switching frequency between 200 kHz and
2.2 MHz by placing an external resistor from this pin to AGND. Do not leave open or connect to
ground.
SW
11
P
Switch node. Do not place any external component on this pin or connect to any signal. The amount
of copper placed on this pin must be kept to a minimum to prevent issues with noise and EMI.
VCC
23
O
Internal LDO output. Used as supply to internal control circuits. Do not connect to any external
loads. Connect a high-quality 1-μF capacitor from this pin to AGND.
TLVM13630
SLVSFT6 – MAY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com