Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 2Page - Texas Instruments TLVM13630 Datasheet HTML 3Page - Texas Instruments TLVM13630 Datasheet HTML 4Page - Texas Instruments TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments TLVM13630 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Limits apply over TA = –40°C to +105°C (unless otherwise noted) (1)
MIN
MAX
UNIT
Input voltage
VIN to AGND, PGND
–0.3
40
V
EN to AGND, PGND
–0.3
40
V
PG to AGND, PGND
0
20
V
VLDOIN to AGND, PGND
–0.3
16
V
FB to AGND, PGND
–0.3
16
V
RT to AGND, PGND
–0.3
5.5
V
PGND to AGND
–1
2
V
Output voltage
SW to AGND, PGND
–0.3
40
V
VOUT to AGND, PGND
–0.3
16
V
VCC to AGND, PGND
–0.3
5.5
V
Sink current
PG sink current
–
10
mA
TA
Operating ambient temperature(2)
–40
105
°C
TJ
Operating IC junction temperature(2)
–40
150
°C
Tstg
Storage temperature
–55
150
°C
Peak reflow case temperature
–
°C
Maximum number of reflows allowed
3
Mechanical shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
G
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20 to 2000 Hz
G
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
The ambient temperature is the air temperature of the surrounding environment. The junction temperature is the temperature of the
internal power IC when the device is powered. Operating below the maximum ambient temperature, as shown in the safe operating
area (SOA) curves in the typical characteristics sections, ensures that the maximum junction temperature of any component inside the
module is never exceeded.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2.5
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1.0
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
TLVM13630
SLVSFT6 – MAY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com