Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 5 Page - Texas Instruments

  TLVM13630 Datasheet HTML 1Page - Texas Instruments TLVM13630 Datasheet HTML 2Page - Texas Instruments TLVM13630 Datasheet HTML 3Page - Texas Instruments TLVM13630 Datasheet HTML 4Page - Texas Instruments TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VIN
3, 4, 18, 19
P
Input supply voltage. Connect the input supply to these pins. Connect input capacitors between
these pins and PGND in close proximity to the device.
VLDOIN
22
P
Optional LDO supply input. Connect to VOUT or to other voltage rail to improve efficiency. Connect
an optional high quality 0.1-μF to 1-μF capacitor from this pin to ground for improved noise
immunity. Do not connect to a voltage above 14 V or to a voltage greater than VIN. If unused,
connect this pin to ground.
VOUT
7-10, 12-15,
30
P
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the
output load and connect external output capacitors between these pins and PGND.
(1)
I = input, O = output, P = power
www.ti.com
TLVM13630
SLVSFT6 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com