Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 3Page - Texas Instruments TLVM13630 Datasheet HTML 4Page - Texas Instruments TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments TLVM13630 Datasheet HTML 10Page - Texas Instruments TLVM13630 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
6.3 Recommended Operating Conditions
Limits apply over TA = –40°C to +105°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage
VIN (input voltage range after start-up)
3
36
V
Output voltage
VOUT
1
16
V
Output current
IOUT
0
3
A
Frequency
FSW set by RT
200
2200
kHz
PG input current
PG
2
mA
PG pullup voltage
VPG-PU
0
16
V
TA
Operating ambient temperature
-40
105
°C
6.4 Thermal Information
THERMAL METRIC(1)
TLVM13630
UNIT
RDH (QFN)
30 PINS
RθJA
Junction-to-ambient thermal resistance(2)
33.5
°C/W
ψJT
Junction-to-top characterization parameter(3)
4.1
°C/W
ψJB
Junction-to-board characterization parameter(4)
21.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics
(2)
The junction-to-ambient thermal resistance, RθJA, applies to devices soldered directly to a 64-mm x 83-mm four-layer PCB with 2 oz.
copper and natural convection cooling. Additional airflow and PCB copper area reduces RθJA. For more information see the Layout
section.
(3)
The junction-to-top board characterization parameter, ψJT, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (section 6 and 7). TJ = ψJT × Pdis + TT; where Pdis is the power dissipated in the device and TT is
the temperature of the top of the device.
(4)
The junction-to-board characterization parameter, ψJB, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJB × Pdis + TB; where Pdis is the power dissipated in the device and TB
is the temperature of the board 1mm from the device.
www.ti.com
TLVM13630
SLVSFT6 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com