Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 15Page - Texas Instruments TLVM13630 Datasheet HTML 16Page - Texas Instruments TLVM13630 Datasheet HTML 17Page - Texas Instruments TLVM13630 Datasheet HTML 18Page - Texas Instruments TLVM13630 Datasheet HTML 19Page - Texas Instruments TLVM13630 Datasheet HTML 20Page - Texas Instruments TLVM13630 Datasheet HTML 21Page - Texas Instruments TLVM13630 Datasheet HTML 22Page - Texas Instruments TLVM13630 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
7.3.8 Overcurrent Protection (OCP)
The TLVM13630 is protected from overcurrent conditions using cycle-by-cycle current limiting of the peak
inductor current. The current is compared every switching cycle to the current limit threshold. During an
overcurrent condition, the output voltage decreases.
The TLVM13630 employs hiccup overcurrent protection if there is an extreme overload. In Hiccup mode,
the regulator is shut down and kept off for 80 ms (typical) before the TLVM13630 tries to start again. If an
overcurrent or short-circuit fault condition still exists, hiccup repeats until the fault condition is removed. Hiccup
mode reduces power dissipation under severe overcurrent conditions, and prevents overheating and potential
damage to the device. Once the fault is removed, the module automatically recovers and returns to normal
operation.
7.3.9 Thermal Shutdown
Thermal shutdown is an integrated self-protection used to limit junction temperature and prevent damage related
to overheating. Thermal shutdown turns off the device when the junction temperature exceeds 165°C (typical) to
prevent further power dissipation and temperature rise. Junction temperature decreases after shutdown, and the
TLVM13630 attempts to restart when the junction temperature falls to 155°C (typical).
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The EN pin provides ON and OFF control for the TLVM13630. When VEN is below approximately 0.4 V, the
device is in Shutdown mode. Both the internal LDO and the switching regulator are off. The quiescent current in
Shutdown mode drops to 0.6 µA (typical). The TLVM13630 also employs internal undervoltage protection. If the
input voltage is below its UV threshold, the regulator remains off.
7.4.2 Standby Mode
The internal LDO has a lower enable threshold than the regulator itself. When VEN is above 1.1 V (maximum)
and below the precision enable threshold of 1.263 V (typical), the internal LDO is on and regulating. The
precision enable circuitry is turned on once the internal VCC is above its UVLO threshold. The switching action
and voltage regulation are not enabled until VEN rises above the precision enable threshold.
7.4.3 Active Mode
The TLVM13630 is in Active mode when VIN and VEN are above their relevant thresholds and no fault conditions
are present. The simplest way to enable the operation is to connect the EN pin to VIN, which allows self start-up
when the applied input voltage exceeds the minimum start-up voltage.
www.ti.com
TLVM13630
SLVSFT6 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com