Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 4Page - Texas Instruments TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments TLVM13630 Datasheet HTML 10Page - Texas Instruments TLVM13630 Datasheet HTML 11Page - Texas Instruments TLVM13630 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
6.5 Electrical Characteristics
Limits apply over TA = –40°C to +105°C, VIN = 24 V, VOUT = 3.3 V, VLDOIN = 5 V, FSW = 800 kHz, IOUT = 3 A, (unless
otherwise noted); Minimum and maximum limits are specified through production test or by design. Typical values represent
the most likely parametric norm and are provided for reference only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VIN
Input operating voltage range
Needed to start up (over IOUT range)
3.95
36.0
V
Once operating (over IOUT range)
3.0
36.0
V
VIN_HYS
Hysteresis(1)
1.0
IQ_VIN
Input operating quiescent current (non
switching)
VEN = 3.3 V, VFB = 1.5 V
9
µA
ISDN_VIN
VIN shutdown current
VEN = 0 V, TA = 25℃
0.6
µA
ENABLE
VEN_RISE
EN voltage rising threshold
1.161
1.263
1.365
V
VEN_FALL
EN voltage falling threshold
0.91
V
VEN_HYS
EN voltage hysteresis
0.303
0.353
0.404
V
VEN_WAKE
EN wake-up threshold
0.4
V
tEN
EN HIGH to start of switching delay(1)
0.7
ms
INTERNAL LDO VCC
VCC
Internal LDO VCC output voltage
3.4 V ≤ VLDOIN ≤ 12.5 V
3.3
V
VLDOIN = 3.1 V, non switching
3.1
V
VCC_UVLO
VCC UVLO rising threshold
VLDOIN < 3.1 V(1)
3.6
V
VIN < 3.6 V(2)
3.6
V
VCC_UVLO_HYS
VCC UVLO hysteresis(2)
1.1
V
FEEDBACK
VOUT
Adjustable output voltage range
Over IOUT range
1.0
6.0
V
VFB
Feedback voltage
TA = 25°C, IOUT = 0 A
1.0
V
VFB_ACC
Feedback voltage accuracy
Across VIN range, VOUT = 1.0 V, IOUT = 0 A, FSW =
200 kHz, –40°C ≤ TA ≤ 105°C
–1%
+1%
VFB
Load regulation
TA = 25°C, 0 A ≤ IOUT ≤ 3 A
tbd%
VFB
Line regulation
TA = 25°C, IOUT = 0 A, 4.0 V ≤ VIN ≤ 36 V
tbd%
IFB
Input current into FB pin
VFB = 1.0 V
10
nA
CURRENT
IOUT
Output current
0
3.0
A
IOCL
Output overcurrent (DC) limit threshold
tbd
A
IL_HS
High-side switch current limit
Duty cycle approaches 0%
tbd
6.2
tbd
A
IL_LS
Low-side switch current limit
tbd
3.4
tbd
A
IL_NEG
Negative current limit
-3
A
VHICCUP
Ratio of FB voltage to in-regulation FB
voltage to enter hiccup
Not during soft start
40%
tW
Short circuit wait time before soft start
(hiccup)(1)
80
ms
SOFT-START
tSS
Time from first SW pulse to VREF at 90%
VIN ≥ 4.2 V
3.5
5
7
ms
tSS2
Time from first SW pulse to release of
FPWM lockout if output not in regulation(1)
VIN ≥ 4.2 V
9.5
13
17
ms
TLVM13630
SLVSFT6 – MAY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com