Electronic Components Datasheet Search
  English  ▼

X  

LPC435X Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC435X
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC435X Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC435X Datasheet HTML 20Page - NXP Semiconductors LPC435X Datasheet HTML 21Page - NXP Semiconductors LPC435X Datasheet HTML 22Page - NXP Semiconductors LPC435X Datasheet HTML 23Page - NXP Semiconductors LPC435X Datasheet HTML 24Page - NXP Semiconductors LPC435X Datasheet HTML 25Page - NXP Semiconductors LPC435X Datasheet HTML 26Page - NXP Semiconductors LPC435X Datasheet HTML 27Page - NXP Semiconductors LPC435X Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 162 page
background image
LPC435X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 5.4 — 10 January 2020
24 of 162
NXP Semiconductors
LPC435x/3x/2x/1x
32-bit ARM Cortex-M4/M0 microcontroller
P4_4
B1
-
14
9
[5]
N;
PU
I/O GPIO2[4] — General purpose digital input/output pin.
O
CTOUT_2 — SCT output 2. Match output 2 of timer 0.
O
LCD_VD1 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD20 — LCD data.
I/O U3_DIR — RS-485/EIA-485 output enable/direction control
for USART3.
I/O SGPIO10 — General purpose digital input/output pin.
O
DAC — DAC output. Configure the pin as GPIO input and
use the analog function select register in the SCU to select
the DAC.
P4_5
D2
-
15
10
[2]
N;
PU
I/O GPIO2[5] — General purpose digital input/output pin.
O
CTOUT_5 — SCT output 5. Match output 3 of timer 3.
O
LCD_FP — Frame pulse (STN). Vertical synchronization
pulse (TFT).
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O SGPIO11 — General purpose digital input/output pin.
P4_6
C1
-
17
11
[2]
N;
PU
I/O GPIO2[6] — General purpose digital input/output pin.
O
CTOUT_4 — SCT output 4. Match output 3 of timer 3.
O
LCD_ENAB/LCDM — STN AC bias drive or TFT data
enable input.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O SGPIO12 — General purpose digital input/output pin.
Table 3.
Pin description …continued
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com