Electronic Components Datasheet Search
  English  ▼

X  

LPC435X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC435X
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC435X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC435X Datasheet HTML 1Page - NXP Semiconductors LPC435X Datasheet HTML 2Page - NXP Semiconductors LPC435X Datasheet HTML 3Page - NXP Semiconductors LPC435X Datasheet HTML 4Page - NXP Semiconductors LPC435X Datasheet HTML 5Page - NXP Semiconductors LPC435X Datasheet HTML 6Page - NXP Semiconductors LPC435X Datasheet HTML 7Page - NXP Semiconductors LPC435X Datasheet HTML 8Page - NXP Semiconductors LPC435X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 162 page
background image
1. General description
The LPC435X_3X_2X_1X are ARM Cortex-M4 based microcontrollers with Floating Point
Unit (FPU) for embedded applications which include an ARM Cortex-M0 coprocessor, up
to 1 MB of flash and 136 kB of on-chip SRAM, 16 kB of EEPROM memory, two
high-speed USB controllers, Ethernet, LCD, an external memory controller, a quad SPI
Flash Interface (SPIFI) that supports execute-in-place, advanced configurable peripherals
such as the State Configurable Timer (SCTimer/PWM) and the Serial General Purpose
I/O (SGPIO) interface, and multiple digital and analog peripherals. The
LPC435X_3X_2X_1X operate at CPU frequencies of up to 204 MHz.
The ARM Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level of support block integration. The
ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals, and
includes an internal prefetch unit that supports speculative branching. The ARM
Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A
hardware floating-point processor is integrated into the core.
The ARM Cortex-M0 coprocessor is an energy-efficient and easy-to-use 32-bit core,
which is upward code- and tool-compatible with the Cortex-M4 core. It is ideal for handling
control or peripheral handling to free up the Cortex-M4 for real-time processing. The
Cortex-M0 coprocessor offers up to 204 MHz performance with a simple instruction set
and reduced code size. In LPC43xx, the Cortex-M0 coprocessor hardware multiply is
implemented as a 32-cycle iterative multiplier.
For additional documentation related to the LPC43xx parts, see Section 17.
2. Features and benefits
Cortex-M4 Processor core
ARM Cortex-M4 processor (version r0p1), running at frequencies of up to
204 MHz.
Built-in Memory Protection Unit (MPU) supporting eight regions.
Built-in Nested Vectored Interrupt Controller (NVIC).
Hardware floating-point unit.
Non-maskable Interrupt (NMI) input.
JTAG and Serial Wire Debug (SWD), serial trace, eight breakpoints, and four
watch points.
Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
System tick timer.
LPC435x/3x/2x/1x
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB
SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.4 — 10 January 2020
Product data sheet


Similar Part No. - LPC435X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC435X NXP-LPC435X_V01 Datasheet
2Mb / 151P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash
December 2012
More results

Similar Description - LPC435X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC408X NXP-LPC408X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
Rev. 1-17 September 2012
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
LPC43S5X NXP-LPC43S5X Datasheet
7Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com