Electronic Components Datasheet Search
  English  ▼

X  

LPC435X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC435X
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC435X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC435X Datasheet HTML 2Page - NXP Semiconductors LPC435X Datasheet HTML 3Page - NXP Semiconductors LPC435X Datasheet HTML 4Page - NXP Semiconductors LPC435X Datasheet HTML 5Page - NXP Semiconductors LPC435X Datasheet HTML 6Page - NXP Semiconductors LPC435X Datasheet HTML 7Page - NXP Semiconductors LPC435X Datasheet HTML 8Page - NXP Semiconductors LPC435X Datasheet HTML 9Page - NXP Semiconductors LPC435X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 162 page
background image
LPC435X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 5.4 — 10 January 2020
6 of 162
NXP Semiconductors
LPC435x/3x/2x/1x
32-bit ARM Cortex-M4/M0 microcontroller
4.1 Ordering options
[1]
J = -40 °C to +105 °C; F = -40 °C to +85 °C.
Table 2.
Ordering options
LPC4357FET256
1 MB
512 kB
512 kB 136 kB
yes
yes
yes
yes/yes yes
yes
8
F
164
LPC4357JET256
1 MB
512 kB
512 kB 136 kB
yes
yes
yes
yes/yes yes
yes
8
J
164
LPC4357JBD208
1 MB
512 kB
512 kB 136 kB
yes
yes
yes
yes/yes yes
yes
8
J
142
LPC4353FET256
512 kB 256 kB
256 kB 136 kB
yes
yes
yes
yes/yes yes
yes
8
F
164
LPC4353JET256
512 kB 256 kB
256 kB 136 kB
yes
yes
yes
yes/yes yes
yes
8
J
164
LPC4353JBD208
512 kB 256 kB
256 kB 136 kB
yes
yes
yes
yes/yes yes
yes
8
J
142
LPC4337FET256
1 MB
512 kB
512 kB 136 kB
no
yes
yes
yes/yes yes
yes
8
F
164
LPC4337JET256
1 MB
512 kB
512 kB 136 kB
no
yes
yes
yes/yes yes
yes
8
J
164
LPC4337JBD144
1 MB
512 kB
512 kB 136 kB
no
yes
yes
yes/yes yes
no
8
J
83
LPC4337JET100
1 MB
512 kB
512 kB 136 kB
no
yes
yes
yes/no
no
no
4
J
49
LPC4333FET256
512 kB 256 kB
256 kB 136 kB
no
yes
yes
yes/yes yes
yes
8
F
164
LPC4333JET256
512 kB 256 kB
256 kB 136 kB
no
yes
yes
yes/yes yes
yes
8
J
164
LPC4333JBD144
512 kB 256 kB
256 kB 136 kB
no
yes
yes
yes/yes yes
no
8
J
83
LPC4333JET100
512 kB 256 kB
256 kB 136 kB
no
yes
yes
yes/no
no
no
4
J
49
LPC4327JBD144
1 MB
512 kB
512 kB 136 kB
no
no
yes
no/no
yes
no
8
J
83
LPC4327JET100
1 MB
512 kB
512 kB 136 kB
no
no
yes
no/no
no
no
4
J
49
LPC4325JBD144
768 kB 384 kB
384 kB 136 kB
no
no
yes
no/no
yes
no
8
J
83
LPC4325JET100
768 kB 384 kB
384 kB 136 kB
no
no
yes
no/no
no
no
4
J
49
LPC4323JBD144
512 kB 256 kB
256 kB 104 kB
no
no
yes
no/no
yes
no
8
J
83
LPC4323JET100
512 kB 256 kB
256 kB 104 kB
no
no
yes
no/no
no
no
4
J
49
LPC4322JBD144
512 kB 512 kB
0 kB
104 kB
no
no
yes
no/no
yes
no
8
J
83
LPC4322JET100
512 kB 512 kB
0 kB
104 kB
no
no
yes
no/no
no
no
4
J
49
LPC4317JBD144
1 MB
512 kB
512 kB 136 kB
no
no
no
no/no
yes
no
8
J
83
LPC4317JET100
1 MB
512 kB
512 kB 136 kB
no
no
no
no/no
no
no
4
J
49
LPC4315JBD144
768 kB 384 kB
384 kB 136 kB
no
no
no
no/no
yes
no
8
J
83
LPC4315JET100
768 kB 384 kB
384 kB 136 kB
no
no
no
no/no
no
no
4
J
49
LPC4313JBD144
512 kB 256 kB
256 kB 104 kB
no
no
no
no/no
yes
no
8
J
83
LPC4313JET100
512 kB 256 kB
256 kB 104 kB
no
no
no
no/no
no
no
4
J
49
LPC4312JBD144
512 kB 512 kB
0 kB
104 kB
no
no
no
no/no
yes
no
8
J
83
LPC4312JET100
512 kB 512 kB
0 kB
104 kB
no
no
no
no/no
no
no
4
J
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com