Electronic Components Datasheet Search
  English  ▼

X  

LPC435X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC435X
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC435X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC435X Datasheet HTML 28Page - NXP Semiconductors LPC435X Datasheet HTML 29Page - NXP Semiconductors LPC435X Datasheet HTML 30Page - NXP Semiconductors LPC435X Datasheet HTML 31Page - NXP Semiconductors LPC435X Datasheet HTML 32Page - NXP Semiconductors LPC435X Datasheet HTML 33Page - NXP Semiconductors LPC435X Datasheet HTML 34Page - NXP Semiconductors LPC435X Datasheet HTML 35Page - NXP Semiconductors LPC435X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 162 page
background image
LPC435X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 5.4 — 10 January 2020
32 of 162
NXP Semiconductors
LPC435x/3x/2x/1x
32-bit ARM Cortex-M4/M0 microcontroller
P7_2
A16
-
165
115
[2]
N;
PU
I/O GPIO3[10] — General purpose digital input/output pin.
I
CTIN_4 — SCT input 4. Capture input 2 of timer 1.
I/O I2S0_TX_SDA — I2S transmit data. It is driven by the
transmitter and read by the receiver. Corresponds to the
signal SD in the I2S-bus specification.
O
LCD_VD18 — LCD data.
O
LCD_VD6 — LCD data.
-
R — Function reserved.
I
U2_RXD — Receiver input for USART2.
I/O SGPIO6 — General purpose digital input/output pin.
P7_3
C13
-
167
117
[2]
N;
PU
I/O GPIO3[11] — General purpose digital input/output pin.
I
CTIN_3 — SCT input 3. Capture input 1 of timer 1.
-
R — Function reserved.
O
LCD_VD17 — LCD data.
O
LCD_VD5 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
P7_4
C8
-
189
132
[5]
N;
PU
I/O GPIO3[12] — General purpose digital input/output pin.
O
CTOUT_13 — SCT output 13. Match output 3 of timer 3.
-
R — Function reserved.
O
LCD_VD16 — LCD data.
O
LCD_VD4 — LCD data.
O
TRACEDATA[0] — Trace data, bit 0.
-
R — Function reserved.
-
R — Function reserved.
AI
ADC0_4 — ADC0 and ADC1, input channel 4. Configure the
pin as GPIO input and use the ADC function select register
in the SCU to select the ADC.
P7_5
A7
-
191
133
[5]
N;
PU
I/O GPIO3[13] — General purpose digital input/output pin.
O
CTOUT_12 — SCT output 12. Match output 3 of timer 3.
-
R — Function reserved.
O
LCD_VD8 — LCD data.
O
LCD_VD23 — LCD data.
O
TRACEDATA[1] — Trace data, bit 1.
-
R — Function reserved.
-
R — Function reserved.
AI
ADC0_3 — ADC0 and ADC1, input channel 3. Configure the
pin as GPIO input and use the ADC function select register
in the SCU to select the ADC.
Table 3.
Pin description …continued
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com