Electronic Components Datasheet Search
  English  ▼

X  

LPC435X Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC435X
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC435X Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC435X Datasheet HTML 55Page - NXP Semiconductors LPC435X Datasheet HTML 56Page - NXP Semiconductors LPC435X Datasheet HTML 57Page - NXP Semiconductors LPC435X Datasheet HTML 58Page - NXP Semiconductors LPC435X Datasheet HTML 59Page - NXP Semiconductors LPC435X Datasheet HTML 60Page - NXP Semiconductors LPC435X Datasheet HTML 61Page - NXP Semiconductors LPC435X Datasheet HTML 62Page - NXP Semiconductors LPC435X Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 162 page
background image
LPC435X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 5.4 — 10 January 2020
59 of 162
NXP Semiconductors
LPC435x/3x/2x/1x
32-bit ARM Cortex-M4/M0 microcontroller
XTAL1
D1
B1
18
12
[8]
-
I
Input to the oscillator circuit and internal clock generator
circuits.
XTAL2
E1
C1
19
13
[8]
-
O
Output from the oscillator amplifier.
Power and ground pins
USB0_VDDA
3V3_DRIVER
F3
D1
24
16
-
-
Separate analog 3.3 V power supply for driver.
USB0
_VDDA3V3
G3
D2
25
17
-
-
USB 3.3 V separate power supply voltage.
USB0_VSSA
_TERM
H3
D3
27
19
-
-
Dedicated analog ground for clean reference for termination
resistors.
USB0_VSSA
_REF
G1
F2
31
23
-
-
Dedicated clean analog ground for generation of reference
currents and voltages.
VDDA
B4
B2
198
137
-
-
Analog power supply and ADC reference voltage.
VBAT
B10
C5
184
127
-
-
RTC power supply: 3.3 V on this pin supplies power to the
RTC.
VDDREG
F10,
F9,
L8,
L7
E4,
E5,
F4
135,
188,
195,
82,
33
94,
131,
59,
25
-
Main regulator power supply. Tie the VDDREG and VDDIO
pins to a common power supply to ensure the same ramp-up
time for both supply voltages.
VPP
E8
-
-
-
[12]
-
-
OTP programming voltage.
VDDIO
D7,
E12,
F7,
F8,
G10,
H10,
J6,
J7,
K7,
L9,
L10,
N7,
N13
F10,
K5
6,
52,
57,
102,
110,
155,
160,
202
5,
36,
41,
71,
77,
107,
111,
141
[12]
-
-
I/O power supply. Tie the VDDREG and VDDIO pins to a
common power supply to ensure the same ramp-up time for
both supply voltages.
Table 3.
Pin description …continued
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com