Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 28Page - Texas Instruments ISO1640 Datasheet HTML 29Page - Texas Instruments ISO1640 Datasheet HTML 30Page - Texas Instruments ISO1640 Datasheet HTML 31Page - Texas Instruments ISO1640 Datasheet HTML 32Page - Texas Instruments ISO1640 Datasheet HTML 33Page - Texas Instruments ISO1640 Datasheet HTML 34Page - Texas Instruments ISO1640 Datasheet HTML 35Page - Texas Instruments ISO1640 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
device and high voltage is applied between the two sides; see Figure 9-8 for TDDB test setup. The insulation
breakdown data is collected at various high voltages switching at 60 Hz over temperature. For basic insulation,
VDE standard requires the use of a TDDB projection line with failure rate of less than 1000 part per million
(ppm). For reinforced insulation, VDE standard requires the use of a TDDB projection line with failure rate of less
than 1 part per million (ppm).
Even though the expected minimum insulation lifetime is 20 years, at the specified working isolation voltage,
VDE basic and reinforced certifications require additional safety margin of 20% for working voltage. For basic
certification, device lifetime requires a safety margin of 30% translating to a minimum required insulation lifetime
of 26 years at a working voltage that is 20% higher than the specified value. For reinforced insulation, device
lifetime requires a safety margin of 87.5% translating to a minimum required insulation lifetime of 37.5 years at a
working voltage that is 20% higher than the specified value.
Insulation Lifetime Projection Data for ISO164x in 8-D Package and Insulation Lifetime Projection Data for
ISO164x in 16-DW Package show the intrinsic capability of the isolation barrier to withstand high voltage stress
over its lifetime. Based on the TDDB data, the intrinsic capability of the insulation is 450 VRMS with a lifetime
in excess of 100 years in the 8-D package and 1500 VRMS with a lifetime in excess of 135 years in the 16-DW
package. Other factors, such as package size, pollution degree, material group, etc. can further limit the working
voltage of the component. At the lower working voltages, the corresponding insulation lifetime is much longer
than 100 years in the 8-D package and 135 years in the 16-DW package.
DUT
Vcc 2
Vcc 1
GND 1
GND 2
A
Ovenat150°C
TimeCounter
> 1 mA
V
S
Figure 9-8. Test Setup for Insulation Lifetime Measurement
ISO1640, ISO1641
SLLSFC2B – FEBRUARY 2020 – REVISED MAY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com