Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 25Page - Texas Instruments ISO1640 Datasheet HTML 26Page - Texas Instruments ISO1640 Datasheet HTML 27Page - Texas Instruments ISO1640 Datasheet HTML 28Page - Texas Instruments ISO1640 Datasheet HTML 29Page - Texas Instruments ISO1640 Datasheet HTML 30Page - Texas Instruments ISO1640 Datasheet HTML 31Page - Texas Instruments ISO1640 Datasheet HTML 32Page - Texas Instruments ISO1640 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
1 - 7
1 - 8
8
9
9
1 - 8
9
SDA
SCL
S
P
START
Condition
STOP
condition
7-bit
ADDRESS
8-bit
DATA
8-bit
DATA
R/W
ACK /
NACK
ACK
ACK
Figure 9-2. Timing Diagram of a Complete Data Transfer
The master initiates a transaction by creating a START condition, following by the 7-bit address of the slave
it wishes to communicate with. This is followed by a single read and write (R/W) bit, representing whether the
master wishes to write to (0), or to read from (1) the slave. The master then releases the SDA line to allow the
slave to acknowledge the receipt of data.
The slave responds with an acknowledge bit (ACK) by pulling the SDA pin low during the entire high time of the
9th clock pulse on the SCL signal, after which the master continues in either transmit or receive mode (according
to the R/W bit sent), while the slave continues in the complementary mode (receive or transmit, respectively).
The address and the 8-bit data bytes are sent most significant bit (MSB) first. The START bit is indicated by
a high-to-low transition of SDA while SCL is high. The STOP condition is created by a low-to-high transition of
SDA while SCL is high.
If the master writes to a slave, it repeatedly sends a byte with the slave sending an ACK bit. In this case, the
master is in master-transmit mode and the slave is in slave-receive mode.
If the master reads from a slave, it repeatedly receives a byte from the slave, while acknowledging (ACK) the
receipt of every byte but the last one (see Figure 9-3). In this situation, the master is in master-receive mode and
the slave is in slave-transmit mode.
The master ends the transmission with a STOP bit, or may send another START bit to maintain bus control for
further transfers.
From Master to Slave
From Slave to Master
S Slave Address
R A
DATA
A
DATA
A P
S Slave Address
W A
DATA
A
DATA
A P
Master Transmitter writing to Slave Receiver
Master Receiver reading from Slave Transmitter
A = acknowledge
A = not acknowledge
S = Start
P = Stop
R = Read
W = Write
Figure 9-3. Transmit or Receive Mode Changes During a Data Transfer
When writing to a slave, a master mainly operates in transmit-mode and only changes to receive-mode when
receiving acknowledgment from the slave.
When reading from a slave, the master starts in transmit-mode and then changes to receive-mode after sending
a READ request (R/W bit = 1) to the slave. The slave continues in the complementary mode until the end of a
transaction.
Note
The master ends a reading sequence by not acknowledging (NACK) the last byte received. This
procedure resets the slave state machine and allows the master to send the STOP command.
9.2 Typical Application
In Figure 9-4, the ultra low-power microcontroller, MSP430G2132, controls the I2C data traffic of configuration
data and conversion results for the analog inputs and outputs. Low-power data converters build the analog
interface to sensors and actuators. The ISO164x device provides the required isolation between different ground
www.ti.com
ISO1640, ISO1641
SLLSFC2B – FEBRUARY 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO1640 ISO1641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com