Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 13Page - Texas Instruments ISO1640 Datasheet HTML 14Page - Texas Instruments ISO1640 Datasheet HTML 15Page - Texas Instruments ISO1640 Datasheet HTML 16Page - Texas Instruments ISO1640 Datasheet HTML 17Page - Texas Instruments ISO1640 Datasheet HTML 18Page - Texas Instruments ISO1640 Datasheet HTML 19Page - Texas Instruments ISO1640 Datasheet HTML 20Page - Texas Instruments ISO1640 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
6.13 GPIO Switching Characteristics
over recommended operating conditions, unless otherwise noted. ISO1644 only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3 V ≤ VCC1, VCC2 ≤ 3.6 V
tPLH, tPHL
Propagation delay time
See TBD
11
20
ns
tP(dft)
Propagation delay drift
9.2
ps/
℃
tUI
Minimum pulse width
See TBD
20
ns
PWD
Pulse width distortion
See TBD
7
ns
tsk(o)
Channel to channel output skew time
Same direction channels
6
ns
tsk(p-p)
Part to part skew time
6
ns
tr
Output signal rise time
See TBD
6.5
ns
tf
Output signal fall time
See TBD
6.5
ns
tDO
Default output delay time from input
power loss
See TBD
0.1
0.3
us
tie
Time interval error
1
ns
4.5 V ≤ VCC1, VCC2 ≤ 5.5 V
tPLH, tPHL
Propagation delay time
See TBD
11
18
ns
tP(dft)
Propagation delay drift
8
ps/
℃
tUI
Minimum pulse width
See TBD
20
ns
PWD
Pulse width distortion
See TBD
7
ns
tsk(o)
Channel to channel output skew time
Same direction channels
6
ns
tsk(p-p)
Part to part skew time
6
ns
tr
Output signal rise time
See TBD
6
ns
tf
Output signal fall time
See TBD
6
ns
tDO
Default output delay time from input
power loss
See TBD
0.1
0.3
us
tie
Time interval error
1
ns
www.ti.com
ISO1640, ISO1641
SLLSFC2B – FEBRUARY 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ISO1640 ISO1641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com