Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 3Page - Texas Instruments ISO1640 Datasheet HTML 4Page - Texas Instruments ISO1640 Datasheet HTML 5Page - Texas Instruments ISO1640 Datasheet HTML 6Page - Texas Instruments ISO1640 Datasheet HTML 7Page - Texas Instruments ISO1640 Datasheet HTML 8Page - Texas Instruments ISO1640 Datasheet HTML 9Page - Texas Instruments ISO1640 Datasheet HTML 10Page - Texas Instruments ISO1640 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
MIN
NOM
MAX
UNIT
VSDA2,
VSCL2
I2C Input and output signal voltages, Side 2
0
VCC2
V
VIL1
I2C Low-level input voltage, Side 1
0
480
mV
VIH1
I2C High-level input voltage, Side 1
0.7 × VCC1
VCC1
V
VIL2
I2C Low-level input voltage, Side 2
0
0.3 × VCC2
V
VIH2
I2C High-level input voltage, Side 2
0.5 × VCC2
VCC2
V
IOL1
I2C Output current, Side 1
0.5
3.5
mA
IOL2
I2C Output current, Side 2
0.5
50
mA
C1
Capacitive load, Side 1
80
pF
C2
Capacitive load, Side 2
400
pF
fMAX
I2C Operating frequency(1)
1.7
MHz
VILIO
Low-level input voltage, GPIO pins (ISO1644 only)
0.7 × VCC1
VCC1
V
VIHIO
High-level input voltage, GPIO pins (ISO1644 only)
0
0.3 × VCC2
V
IOHIO
GPIO High-level output current (ISO1644 only), VCCO = 5 V
-4
mA
GPIO High-level output current (ISO1644 only), VCCO = 3.3 V
-2
mA
GPIO High-level output current (ISO1644 only), VCCO = 2.5 V
-1
mA
IOLIO
GPIO Low-level output current (ISO1644 only), VCCO = 5 V
4
mA
GPIO Low-level output current (ISO1644 only), VCCO = 3.3 V
2
mA
GPIO Low-level output current (ISO1644 only), VCCO = 2.5 V
1
mA
fDR
GPIO maximum data rate frequency (ISO1644 only)
50
Mbps
TA
Ambient temperature
–40
25
125
°C
(1)
Maximum frequency is a function of the RC time constant on the bus. If the system has less bus capacitance, then higher frequencies
can be achieved.
6.4 Thermal Information
THERMAL METRIC(1)
ISO1640/1
ISO1644
UNIT
D (SOIC)
DW (SOIC) DW (SOIC)
8 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
106.3
62.4
58.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
38.5
29.5
25.5
°C/W
RθJB
Junction-to-board thermal resistance
52.5
33.5
29.7
°C/W
ψJT
Junction-to-top characterization parameter
8.2
11.7
8.9
°C/W
ψJB
Junction-to-board characterization parameter
51.8
32.4
28.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
-
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO1640
PD
Maximum power dissipation (both
sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, C1 = 20 pF, C2 = 400 pF, R1 =
1.4 kΩ, R2 = 94 Ω, Input a 1.7-MHz 50% duty-cycle clock signal
96
mW
PD1
Maximum power dissipation (side-1)
43
mW
PD2
Maximum power dissipation (side-2)
53
mW
ISO1641
PD
Maximum power dissipation (both
sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, C1 = 20 pF, C2 = 400 pF, R1 =
1.4 kΩ, R2 = 94 Ω, Input a 1.7-MHz 50% duty-cycle clock signal
87
mW
PD1
Maximum power dissipation (side-1)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, C1 = 20 pF, C2 = 400 pF, R1 =
1.4 kΩ, R2 = 94 Ω, Input a 1.7-MHz 50% duty-cycle clock signal
40
mW
www.ti.com
ISO1640, ISO1641
SLLSFC2B – FEBRUARY 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO1640 ISO1641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com