Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 20Page - Texas Instruments ISO1640 Datasheet HTML 21Page - Texas Instruments ISO1640 Datasheet HTML 22Page - Texas Instruments ISO1640 Datasheet HTML 23Page - Texas Instruments ISO1640 Datasheet HTML 24Page - Texas Instruments ISO1640 Datasheet HTML 25Page - Texas Instruments ISO1640 Datasheet HTML 26Page - Texas Instruments ISO1640 Datasheet HTML 27Page - Texas Instruments ISO1640 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
8 Detailed Description
8.1 Overview
The I2C bus consists of a two-wire communication bus that supports bidirectional data transfer between a master
device and several slave devices. The master, or processor, controls the bus, specifically the serial clock (SCL)
line. Data is transferred between the master and slave through a serial data (SDA) line. This data can be
transferred in four speeds: standard mode (0 to 100 kbps), fast mode (0 to 400 kbps), fast-mode plus (0 to 1
Mbps), and high-speed mode (0 to 3.4 Mbps).
The I2C bus operates in bidirectional, half-duplex mode, using open collector outputs to allow for multiple
devices to share the bus. When a specific device is ready to communicate on the bus, it can take control pulling
the lines low accordingly in order to transmit data. A standard digital isolator or optocoupler is designed to
transfer data in a single direction. In order to support an I2C bus, external circuitry is required to separates the
bidirectional bus into two unidirectional signal paths. The ISO164x devices internally handle the separation and
partitioning of the transmit and receive signals, integrating the external circuitry needed and provide the open-
collector signals. They provide high electromagnetic immunity and low emissions at low power consumption.
Each isolation channel has a logic input and output buffer separated by TI's double capacitive silicon dioxide
(SiO2) insulation barrier. When used in conjunction with isolated power supplies, these devices block high
voltages, isolate grounds, and prevent noise currents from entering the local ground and interfering with or
damaging sensitive circuitry.
8.2 Functional Block Diagrams
SDA2
SCL1
SCL2
GND2
GND1
VCC2
VCC1
SDA1
VREF
VREF
Figure 8-1. ISO1640 Block Diagram
ISO1640, ISO1641
SLLSFC2B – FEBRUARY 2020 – REVISED MAY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com