Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 22Page - Texas Instruments ISO1640 Datasheet HTML 23Page - Texas Instruments ISO1640 Datasheet HTML 24Page - Texas Instruments ISO1640 Datasheet HTML 25Page - Texas Instruments ISO1640 Datasheet HTML 26Page - Texas Instruments ISO1640 Datasheet HTML 27Page - Texas Instruments ISO1640 Datasheet HTML 28Page - Texas Instruments ISO1640 Datasheet HTML 29Page - Texas Instruments ISO1640 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
8.3.3 GPIO Channels
TBD
8.4 Isolator Functional Principle
To isolate a bidirectional signal path (SDA or SCL), the ISO1640 internally splits a bidirectional line into two
unidirectional signal lines, each of which is isolated through a single-channel digital isolator. Each channel output
is made open-drain to comply with the open-drain technology of I2C. Side 1 of the ISO1640 connects to a
low-capacitance I2C node (up to 80 pF), while side 2 is designed for connecting to a fully loaded I2C bus with up
to 400 pF of capacitance.
V
C-out
40 mV
50 mV
V
SDA1
V
OL1
V
IHT1
V
ILT1
R
PU1
C
node
V
CC1
SDA1
GND1
R
PU2
C
bus
V
CC2
SDA2
GND2
A
B
D
C
VREF
ISO164x
Figure 8-3. SDA Channel Design and Voltage Levels at SDA1
At first sight, the arrangement of the internal buffers suggests a closed signal loop that is prone to latch-up.
However, this loop is broken by implementing an output buffer (B) whose output low-level is raised by a diode
drop to approximately 0.65 V, and the input buffer (C) that consists of a comparator with defined hysteresis.
The comparator’s upper and lower input thresholds then distinguish between the proper low-potential of 0.4 V
(maximum) driven directly by SDA1 and the buffered output low-level of B.
Figure 8-4 demonstrate the switching behavior of the I2C isolator, ISO164x, between a master node at SDA1
and a heavy loaded bus at SDA2.
V
OL1
V
IHT1
SDA1
SDA2
SDA2
SDA1
Transmit
Delay
Transmit
Delay
Receive
Delay
V
IHT2
50%
50%
30%
30%
Receive
Delay
Receive
Delay
VCC1
VCC1
VCC2
VCC2
VCC1
VCC1
VCC2
VCC2
V
OL1
Figure 8-4. SDA Channel Timing in Receive and Transmit Directions
8.4.1 Receive Direction (Left Diagram of Figure 8-4)
When the I2C bus drives SDA2 low, SDA1 follows after a certain delay in the receive path. The output low is the
buffered output of VOL1 = 0.65 V, which is sufficiently low to be detected by Schmitt-trigger inputs with a minimum
input-low voltage of VIL = 0.9 V at 3 V supply levels.
When SDA2 is released, its voltage potential increases towards VCC2 following the time-constant formed
by RPU2 and Cbus. After the receive delay, SDA1 is released and also rises towards VCC1, following the
time-constant RPU1 × Cnode. Because of the significant lower time-constant, SDA1 may reach VCC1 before
SDA2 reaches VCC2 potential.
ISO1640, ISO1641
SLLSFC2B – FEBRUARY 2020 – REVISED MAY 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com