Electronic Components Datasheet Search
  English  ▼

X  

ADPD106 Datasheet(PDF) 30 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 26Page - Analog Devices ADPD106 Datasheet HTML 27Page - Analog Devices ADPD106 Datasheet HTML 28Page - Analog Devices ADPD106 Datasheet HTML 29Page - Analog Devices ADPD106 Datasheet HTML 30Page - Analog Devices ADPD106 Datasheet HTML 31Page - Analog Devices ADPD106 Datasheet HTML 32Page - Analog Devices ADPD106 Datasheet HTML 33Page - Analog Devices ADPD106 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 30 of 66
TYPICAL CONNECTION DIAGRAM
Figure 34 shows a typical circuit used for wrist-based heart rate
measurement with the ADPD105 WLCSP using a green LED.
The 1.8 V I2C communication lines, SCL and SDA, along with
the GPIO0 and GPIO1 lines, connect to a system
microprocessor or sensor hub. The I2C signals can have pull-up
resistors connected to a 1.8 V or a 3.3 V power supply. The
GPIO0 and GPIO1 signals are only compatible with a 1.8 V
supply and may need a level translator. The circuit shown in
Figure 34 is identical for the ADPD107, except the I2C interface
is replaced by an SPI. There are multiple ways to connect
photodiodes to the 8-channel ADPD105 LFCSP, as shown in
Table 22 and Figure 37. The photodiode anodes are connected
to the PD1 to PD8 input pins and the photodiode cathodes are
connected to the cathode pin, PDC.
Provide the 1.8 V supply, VDD, to AVDD and DVDD. The LED
supply uses a standard regulator circuit according to the peak
current requirements specified in Table 3 and calculated in the
LED Driver Pins and LED Supply Voltage section.
For best noise performance, connect AGND, DGND, and
LGND together at a large conductive surface, such as a ground
plane, a ground pour, or a large ground trace.
The number of photodiodes or LEDs used varies depending on
the application as well as the dynamic range and SNR required.
For example, in an application where a single, large photodiode
is used, the dynamic range can be increased by splitting the current
between multiple inputs. This is achieved by connecting the anode
of the photodiode to multiple channels so that the current can
be split evenly among the number of channels connected,
effectively increasing the dynamic range over a single channel
configuration. Alternatively, in situations where the photodiode is
small or the signal is greatly attenuated, SNR can be maximized
by connecting the anode of the photodiode to just a single channel.
It is important to leave the unused input floating for proper device
operation.
Figure 35 and Figure 36 show the recommended connection
diagram and printed circuit board (PCB) layout for the
ADPD105 and ADPD107, respectively. The current input pins,
PD1-2 and PD3-4, have a typical voltage of 1.3 V during the
sampling period. During the sleep period, these pins are
connected to the cathode pin. The cathode and anode voltages
are listed in Table 3.
PD3-4
PDC
PD1-2
LEDX1
VLED
VREF
1µF
AGND
DGND
LGND
0.1µF
0.1µF
DVDD
AVDD
1.8V
10kΩ
10kΩ
1.8V
SCL
SDA
GPIO0
GPIO1
TO DIGITAL
INTERFACE
ADPD105
4.7µF
Figure 34. Typical Wrist-Based HRM Measurement
123
A
B
C
D
E
F
LGND
LEDX2
LEDX3
LEDX1
SDA
SCL
GPIO0
DVDD
DGND
GPIO1
VREF
AVDD
PD1-2
PDC
PD3-4
AGND
Figure 35. ADPD105 Connection and PCB Layout Diagram (Top View)
12
3
A
B
C
D
E
F
LGND
LEDX2
LEDX3
LEDX1
GPIO0
GPIO1
MISO
DGND
MOSI
AVDD
AGND
VREF
PD1-2
PDC
PD3-4
SCLK
CS
Figure 36. ADPD107 Connection and PCB Layout Diagram, Dashed Line
Traces From Blind Vias (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com