Electronic Components Datasheet Search
  English  ▼

X  

ADPD106 Datasheet(PDF) 28 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 24Page - Analog Devices ADPD106 Datasheet HTML 25Page - Analog Devices ADPD106 Datasheet HTML 26Page - Analog Devices ADPD106 Datasheet HTML 27Page - Analog Devices ADPD106 Datasheet HTML 28Page - Analog Devices ADPD106 Datasheet HTML 29Page - Analog Devices ADPD106 Datasheet HTML 30Page - Analog Devices ADPD106 Datasheet HTML 31Page - Analog Devices ADPD106 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 28 of 66
NOTES
1. THE SHADED AREAS REPRESENT WHEN THE DEVICE IS LISTENING.
MASTER START
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
SLAVE
ACK
ACK
ACK
ACK
MASTER START
Sr
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
ACK/NACK
STOP
SLAVE
ACK
ACK
DATA[7:0]
REGISTER WRITE
DATA[15:8]
REGISTER READ
SLAVE ADDRESS + READ
ACK
DATA[7:0]
DATA[15:8]
STOP
ACK
DATA TRANSFERRED
n (DATA[15:8]+ACK+DATA[7:0] + ACK/NACK)
MASTER START
Sr
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
NACK
STOP
SLAVE
ACK
ACK
DATA[7:0]
REGISTER READ
SLAVE ADDRESS + READ
ACK
DATA[15:8]
ACK
I2C WRITE
I2C SINGLE WORD READ MODE
I2C MULTIWORD READ MODE
Figure 29. I2C Write and Read Operations
SPI PORT
The ADPD106 and ADPD107 are SPI only devices. They do not
support the I2C interface. The SPI port uses a 4-wire interface,
consisting of the CS, MOSI, MISO, and SCLK signals, and it is
always a slave port. The CS signal goes low at the beginning of a
transaction and high at the end of a transaction. The SCLK signal
latches MOSI on a low to high transition. The MISO data is shifted
out of the device on the falling edge of SCLK and must be clocked
into a receiving device, such as a microcontroller, on the SCLK
rising edge. The MOSI signal carries the serial input data, and
the MISO signal carries the serial output data. The MISO signal
remains three state until a read operation is requested, which
allows other SPI-compatible peripherals to share the same MISO
line. All SPI transactions have the same basic format shown in
Table 20. A timing diagram is shown in Figure 4. Write all data
MSB first.
Table 20. Generic Control Word Sequence
Byte 0
Byte 1
Byte 2
Subsequent Bytes
Address[6:0],
W/R
Data[15:8]
Data[7:0]
Data[15:8], Data[7:0]
The first byte written in a SPI transaction is a 7-bit address,
which is the location of the address being accessed, followed by
the W/R bit. This bit determines whether the communication is
a write (Logic Level 1) or a read (Logic Level 0). This format is
shown in Table 21.
Table 21. SPI Address and Write/R Byte Format
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
A6
A5
A4
A3
A2
A1
A0
W/R
The format for the SPI communications slave port is commonly
known as SPI Mode 3, where clock polarity (CPOL) = 1 and
clock phase (CPHA) = 1 (see Figure 30). The base value of the
clock is 1. Data is captured on the rising edge of the clock, and
data is propagated on the falling edge.
The maximum read and write speed for the SPI slave port is
10 MHz.
(CPOL = 1)
SCLK
CS
(CPHA = 1)
1
Z
MISO
CYCLE #
MOSI
2
3
4
5
6
7
8
Z
1
2
3
4
5
6
7
8
Z
Z
1
2
3
4
5
6
7
8
Figure 30. Clock Polarity and Phase for the SPI Slave Port (CPOL = 1, CPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com