Electronic Components Datasheet Search
  English  ▼

X  

ADPD106 Datasheet(PDF) 31 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 27Page - Analog Devices ADPD106 Datasheet HTML 28Page - Analog Devices ADPD106 Datasheet HTML 29Page - Analog Devices ADPD106 Datasheet HTML 30Page - Analog Devices ADPD106 Datasheet HTML 31Page - Analog Devices ADPD106 Datasheet HTML 32Page - Analog Devices ADPD106 Datasheet HTML 33Page - Analog Devices ADPD106 Datasheet HTML 34Page - Analog Devices ADPD106 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 31 of 66
PD8
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
PD8
7
15
8
14
PD1
PD8
7
15
8
14
Figure 37. Photodiode Configuration Options for the ADPD105 LFCSP
Table 22. Typical Photodiode Anode to Input Channel Connections for the ADPD105 LFCSP1, 2
Input Channel
Photodiode Anode Configuration
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
Single Photodiode (PD1)
D1
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
D1
NC
NC
NC
D1
D1
D1
D1
NC
NC
NC
NC
NC
NC
NC
NC
D1
D1
D1
D1
Two Photodiodes (PD1, PD2)
D1
NC
NC
NC
D2
NC
NC
NC
D1
D1
D1
D1
D2
D2
D2
D2
Four Photodiodes (PD1 to PD4)
D1
D2
D3
D4
NC
NC
NC
NC
NC
NC
NC
NC
D1
D2
D3
D4
Eight Photodiodes (PD1 to PD8)
D1
D2
D3
D4
D5
D6
D7
D8
1 Dx refers to the diode connected to the specified channel.
2 NC means do not connect under the conditions provided in Table 21. Leave all unused inputs floating.
LED DRIVER PINS AND LED SUPPLY VOLTAGE
The LEDX1, LEDX2, and LEDX3 pins have an absolute maximum
voltage rating of 3.6 V. Any voltage exposure over this rating affects
the reliability of the device operation and, in certain circumstances,
causes the device to cease proper operation. The voltage of the
LEDx pins must not be confused with the supply voltages for the
LED themselves (VLEDx). VLEDx is the voltage applied to the anode of
the external LED, whereas the LEDXx pin is the input of the
internal current driver, and the pins are connected to the
cathode of the external LED.
LED DRIVER OPERATION
The LED driver for the ADPD105/ADPD106/ADPD107 is a
current sink. The compliance voltage, measured at the driver
pin with respect to ground, required to maintain the
programmed LED current level is a function of the current
required. Figure 15 shows the typical compliance voltages
required at the various coarse LED settings. Figure 38 shows the
basic schematic of how the ADPD105/ADPD106/ADPD107
connect to an LED through the LED driver. The Determining the
Average Current and the Determining CVLED sections define the
requirements for the bypass capacitor (CVLED) and the supply
voltages of the LEDs (VLEDx).
ADPD105/
ADPD106/
ADPD107
LEDx
LGND
VLEDx
SUPPLY
CVLED
Figure 38. VLEDx Supply Schematic
DETERMINING THE AVERAGE CURRENT
The ADPD105/ADPD106/ADPD107 drive an LED in a series of
short pulses. Figure 39 shows the typical ADPD105/ADPD106/
ADPD107 configuration of a pulse burst sequence.
ILED_MAX
3µs
19µs
Figure 39. Typical LED Pulse Burst Sequence Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com