Electronic Components Datasheet Search
  English  ▼

X  

ADPD106 Datasheet(PDF) 41 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 37Page - Analog Devices ADPD106 Datasheet HTML 38Page - Analog Devices ADPD106 Datasheet HTML 39Page - Analog Devices ADPD106 Datasheet HTML 40Page - Analog Devices ADPD106 Datasheet HTML 41Page - Analog Devices ADPD106 Datasheet HTML 42Page - Analog Devices ADPD106 Datasheet HTML 43Page - Analog Devices ADPD106 Datasheet HTML 44Page - Analog Devices ADPD106 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 41 of 66
until two or three of the four channels reach a minimum value
(note that TIA is in an inverting configuration). All four channels
do not reach this minimum value because, typically, 3 μs LED
pulse widths are used and the ADC samples the four channels
sequentially at 1 μs intervals. This procedure aligns the ADC
sampling time with the LED pulse to measure the total amount of
light falling on the photodetector (for example, background light +
LED pulse).
If this minimum value is above 0 LSB, the TIA is not saturated.
However, take care, because even if the result is not 0 LSB,
operating the device near saturation can quickly result in
saturation if light conditions change. A safe operating region
is typically at ¾ full scale and lower. Use Table 26 to determine
how the input codes map to ADC levels on a per channel per
pulse basis. These codes are not the same as in normal mode
because the band-pass filter and integrator are not unity-gain
elements.
Coarse Ambient Light Measurement
Using the typical values in Table 26, TIA ADC mode can be used
to measure or quantify the amount of background or ambient light
present on the photodetector. The settings are the same in the
method described in the Protecting Against TIA Saturation in
Normal Operation section, except the timing used in the
normal operating mode is sufficient for this mode. There is no
need to sweep SLOTx_AFE_OFFSET. If SLOTx_AFE_OFFSET is
in the same place as the normal mode operation, the TIA ADC
mode does not return the same value, regardless of whether the
LED is on or off.
In TIA_MODE, the dark level is a high level near 13,000 LSBs
per channel per pulse (see Table 26). To measure this value, select
no photodiode by writing a 0x0 to Register 0x14, Bits[11:8] for
Time Slot B or Register 0x14, Bits[7:4] for Time Slot A. This
setting internally opens the photodiode connection and gives
a baseline LSB value that coincides with a zero signal input.
After Register 0x14 is restored to its normal value, while
connecting the photodiode to the TIA, this TIA ADC result can
be subtracted from the open photodiode case to yield a
background light measurement. Use Table 26 to translate this
measurement into an input photocurrent. Use this result for
coarse absolute measurements only, because it is typically only
accurate to within 10%.
Measuring PCB Parasitic Input Resistance
During the process of mounting the ADPD105/ADPD106/
ADPD107, undesired resistance can develop on the inputs through
assembly errors or debris on the PCB. These resistances can form
between the anode and cathode, or between the anode and
some other supply or ground. In normal operation, the ambient
rejection feature of the ADPD105/ADPD106/ADPD107 masks
the primary effects of these resistances, making it very difficult to
detect them. However, even at 1 MΩ to 10 MΩ, such resistance
can impact performance significantly through added noise or
decreased dynamic range. TIA ADC mode can be used to screen
for these assembly issues.
Measuring Shunt Resistance on the Photodiode
A shunt resistor across the photodiode does not generally affect
the output level of the device in operation because the effective
impedance of the TIA is very low, especially if the photodiode is
held to 0 V in operation. However, such resistance can add noise
to the system, degrading performance. The best way to detect
photodiode leakage, also called photodiode shunt resistance, is
to place the device in TIA ADC mode in the dark and vary the
operation mode cathode voltage. Setting the cathode to 1.3 V
places 0 V across the photodiode because the anode is always at
1.3 V while in operation. Setting the cathode to 1.8 V places
0.5 V across the photodiode. Using the register settings in Table 3
to control the cathode voltage, measure the TIA ADC value at
both voltages. Next, divide the voltage difference of 0.5 V by the
difference of the ADC result after converting it to a current. This
result is the approximate shunt resistance. Values greater than
10 MΩ may be difficult to measure, but this method is useful in
identifying gross failures.
Measuring TIA Input Shunt Resistance
A resistance to develop between the TIA input and another
supply or ground on the PCB is an example of another problem
that can occur. These resistances can force the TIA into saturation
prematurely. This premature saturation, in turn, takes away
dynamic range from the device in operation and adds a Johnson
noise component to the input. To measure these resistances, place
the device in TIA ADC mode in the dark and start by measuring
the TIA ADC offset level with the photodiode inputs disconnected
(Register 0x14, Bits[11:8] = 0 or Register 0x14, Bits[7:4] = 0).
From this, subtract the value of TIA ADC mode with the
darkened photodiode connected and convert the difference
into a current. If the value is positive, and the ADC signal
decreased, the resistance is to a voltage higher than 1.3 V, such
as VDD. Current entering the TIA causes the output to drop. If
the output difference is negative due to an increase of codes at
the ADC, current is being pulled out of the TIA and there is a
shunt resistance to a lower potential than 1.3 V, such as ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com