Electronic Components Datasheet Search
  English  ▼

X  

ADPD106 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 3Page - Analog Devices ADPD106 Datasheet HTML 4Page - Analog Devices ADPD106 Datasheet HTML 5Page - Analog Devices ADPD106 Datasheet HTML 6Page - Analog Devices ADPD106 Datasheet HTML 7Page - Analog Devices ADPD106 Datasheet HTML 8Page - Analog Devices ADPD106 Datasheet HTML 9Page - Analog Devices ADPD106 Datasheet HTML 10Page - Analog Devices ADPD106 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 7 of 66
PERFORMANCE SPECIFICATIONS
AVDD = DVDD = 1.8 V, TA = full operating temperature range, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DATA ACQUISITION
Resolution
Single pulse
14
Bits
Resolution/Sample
64 to 255 pulses
20
Bits
Resolution/Data Read
64 to 255 pulses and sample average = 128
27
Bits
LED DRIVER
LED Current Slew Rate1
Rise
Slew rate control setting = 0; TA = 25°C; ILED = 70 mA
240
mA/μs
Slew rate control setting = 7; TA = 25°C; ILED = 70 mA
1400
mA/μs
Fall
Slew rate control setting = 0, 1, 2; TA = 25°C; ILED = 70 mA
3200
mA/μs
Slew rate control setting = 6, 7; TA = 25°C; ILED = 70 mA
4500
mA/μs
LED Peak Current
LED pulse enabled
370
mA
Driver Compliance Voltage
Voltage above ground required for LED driver operation
0.6
V
LED PERIOD
AFE width = 4 μs2
19
μs
AFE width = 3 μs
17
μs
Sampling Frequency3
Time Slot A only; normal mode; 1 pulse; SLOTA_LED_OFFSET = 23 μs; SLOTA_
LED_PERIOD = 19 μs
0.122
3230
Hz
Time Slot B only; normal mode; 1 pulse; SLOTA_LED_OFFSET = 23 μs; SLOTA_
LED_PERIOD = 19 μs
0.122
3820
Hz
Both time slots; normal mode; 1 pulse; SLOTA_LED_OFFSET = 23 μs; SLOTA_
LED_PERIOD = 19 μs
0.122
1750
Hz
Time Slot A only; normal mode; 8 pulses; SLOTA_LED_OFFSET = 23 μs; SLOTA_
LED_PERIOD = 19 μs
0.122
2257
Hz
Time Slot B only; normal mode; 8 pulses; SLOTA_LED_OFFSET = 23 μs; SLOTA_
LED_PERIOD = 19 μs
0.122
2531
Hz
Both time slots; normal mode; 8 pulses; SLOTA_LED_OFFSET = 23 μs; SLOTA_
LED_PERIOD = 19 μs
0.122
1193
Hz
CATHODE PIN (PDC) VOLTAGE
During All Sampling Periods
Register 0x54, Bit 7 = 0x0; Register 0x3C, Bit 9 = 14
1.8
V
Register 0x54, Bit 7 = 0x0; Register 0x3C, Bit 9 = 0
1.3
V
During Slot A Sampling
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[9:8] = 0x04
1.8
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[9:8] = 0x1
1.3
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[9:8] = 0x2
1.55
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[9:8] = 0x35
0
V
During Slot B Sampling
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[11:10] = 0x04
1.8
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[11:10] = 0x1
1.3
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[11:10] = 0x2
1.55
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[11:10] = 0x35
0
V
During Sleep Periods
Register 0x54, Bit 7 = 0x0; Register 0x3C, Bit 9 = 1
1.8
V
Register 0x54, Bit 7 = 0x0; Register 0x3C, Bit 9 = 0
1.3
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[13:12] = 0x0
1.8
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[13:12] = 0x1
1.3
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[13:12] = 0x2
1.55
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[13:12] = 0x3
0
V
PHOTODIODE INPUT PINS/
ANODE VOLTAGE
During All Sampling Periods
1.3
V
During Sleep Periods
Cathode voltage
V
1 LED inductance is negligible for these values. The effective slew rate slows with increased inductance.
2 Minimum LED period = (2 × AFE width) + 5 μs.
3 The maximum values in this specification are the internal ADC sampling rates in normal mode. The I2C read rates in some configurations may limit the output data rate.
4 This mode may induce additional noise and is not recommended unless absolutely necessary. The 1.8 V setting uses VDD, which contains greater amounts of
differential voltage noise with respect to the anode voltage. A differential voltage between the anode and cathode injects a differential current across the capacitance
of the photodiode of the magnitude of C × dV/dt.
5 This setting is not recommended for photodiodes because it causes a 1.3 V forward bias of the photodiode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com