Electronic Components Datasheet Search
  English  ▼

X  

ADPD106 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 2Page - Analog Devices ADPD106 Datasheet HTML 3Page - Analog Devices ADPD106 Datasheet HTML 4Page - Analog Devices ADPD106 Datasheet HTML 5Page - Analog Devices ADPD106 Datasheet HTML 6Page - Analog Devices ADPD106 Datasheet HTML 7Page - Analog Devices ADPD106 Datasheet HTML 8Page - Analog Devices ADPD106 Datasheet HTML 9Page - Analog Devices ADPD106 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 6 of 66
SPECIFICATIONS
TEMPERATURE AND POWER SPECIFICATIONS
Table 1. Operating Conditions
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating Range
−40
+85
°C
Storage Range
−65
+150
°C
POWER SUPPLY VOLTAGES
VDD
Applied at the AVDD and DVDD pins
1.7
1.8
1.9
V
AVDD = DVDD = 1.8 V, TA = 25°C, unless otherwise noted.
Table 2. Current Consumption
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY (VDD) CURRENT
VDD Supply Current1
SLOTx_LED_OFFSET = 25 μs; LED_PERIOD =19 μs; LED peak
current = 25 mA, single-channel mode
1 Pulse
100 Hz data rate; Time Slot A only
92
μA
100 Hz data rate; Time Slot B only
75
μA
100 Hz data rate; both Time Slot A and Time Slot B
119
μA
10 Pulses
100 Hz data rate; Time Slot A only
175
μA
100 Hz data rate; Time Slot B only
155
μA
100 Hz data rate; both Time Slot A and Time Slot B
281
μA
Peak VDD Supply Current
(1.8 V)
IVDD_PEAK
4-Channel Operation
9.3
mA
1-Channel Operation
4.5
mA
Standby Mode Current
IVDD_STANDBY
0.3
μA
VLED SUPPLY CURRENT2
Average Supply Current
VLEDA or VLEDB
Peak LED current = 25 mA; LED pulse width = 3 μs
1 Pulse
50 Hz data rate
3.75
μA
100 Hz data rate
7.5
μA
200 Hz data rate
15
μA
10 Pulses
50 Hz data rate
38
μA
100 Hz data rate
75
μA
200 Hz data rate
150
μA
1 VDD is the voltage applied at the AVDD and DVDD pins.
2 VLED applies to the external LED supply voltage for any given LED being driven by the ADPD105/ADPD106/ADPD107 LED drivers under the listed conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com