Electronic Components Datasheet Search
  English  ▼

X  

ADPD106 Datasheet(PDF) 40 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 36Page - Analog Devices ADPD106 Datasheet HTML 37Page - Analog Devices ADPD106 Datasheet HTML 38Page - Analog Devices ADPD106 Datasheet HTML 39Page - Analog Devices ADPD106 Datasheet HTML 40Page - Analog Devices ADPD106 Datasheet HTML 41Page - Analog Devices ADPD106 Datasheet HTML 42Page - Analog Devices ADPD106 Datasheet HTML 43Page - Analog Devices ADPD106 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 40 of 66
Powering Down Individual Amplifiers for Additional
Power Savings
Each channel includes a TIA, a BPF, and an integrator, which
can also be configured as a buffer (see Figure 44).Options are
built into the devices to power down individual amplifiers in the
signal path. For example, in digital integrate mode, the BPF is
bypassed but left powered up by default. The BPF can be disabled
completely, which saves 1/3 of the power dissipated by the AFE
during the sampling phase. See the descriptions for Register 0x3C
and Register 0x37 in Table 30 for information on how to disable
the individual amplifiers.
TIA
VBIAS
BPF
±1 INTEGRATOR
Figure 44. Signal Path Block Diagram
It is important to leave any unused input channels floating for
proper device operation.
TIA ADC MODE
There is a way to put the devices into a mode that effectively runs
the TIA directly into the ADC without using the analog band-pass
filter and integrator as shown in Figure 45. This mode is referred to
as TIA ADC mode. There are two basic applications of TIA ADC
mode. In normal operation, all of the background light is blocked
from the signal chain, and therefore cannot be measured. TIA_
ADC mode can be used to measure the amount of background/
ambient light. This mode can also be used to measure other dc
input currents, such as leakage resistance.
VBIAS
OPTIONAL
BUFFER
–1
TIA
ADC
Figure 45. TIA ADC Mode Block Diagram
When the devices are in TIA ADC mode, the band-pass filter
and the integrator stage are bypassed. This bypass effectively
wires the TIA directly into the ADC. At the set sampling
frequency, the ADC samples Channel 1 through Channel 4 in
sequential order, and each sample is taken at 1 μs intervals.
There are two modes of operation in TIA ADC mode. One
mode is an inverting configuration where TIA ADC mode
directly drives the ADC. This mode is enabled by setting
Register 0x43 (Time Slot A) and/or Register 0x45 (Time Slot B)
to 0xB065, which bypasses the band-pass filter and the
integrator. With the ADC offset register(s) for the desired
channel set to 0, the output of the ADC is at ~13,000 codes for a
single pulse and a zero input current condition. As the input
current from the photodiode increases, the ADC output
decreases toward 0. This configuration is a legacy TIA ADC
mode from the ADPD103 that is kept in the ADPD105/
ADPD106/ADPD107 for backward compatibility.
The recommended TIA ADC mode is one in which the band-
pass filter is bypassed and the integrator is configured as an
inverting buffer. This mode is enabled by writing 0xAE65 to
Register 0x43 (Time Slot A) and/or Register 0x45 (Time Slot B)
to bypass the band-pass filter. Additionally, Bit 7 of Register 0x42
(Time Slot A) and/or Register 0x44 (Time Slot B) must be set to
1 to configure the integrator as a buffer. With the ADC offset
register(s) for the desired channel set to 0, the output of the
ADC is at ~3000 codes for a single pulse and a zero input
current condition. As the input current from the photodiode
increases, the ADC output increases toward 16,384.
The ADC output (ADCOUT) is calculated as follows:
ADCOUT = 8192 ± ((2 VBIAS − 2iRF − 1.8 V)/146 μV/LSB) (11)
where:
VBIAS is the bias voltage for the TIA (the default value is 1.265 V).
i is the input current to the TIA.
RF is the TIA feedback resistor.
In Equation 11, use + for the inverting configuration and use −
when using the noninverting configuration with the buffer.
Equation 11 is an approximation and does not account for
internal offsets and gain errors. The calculation also assumes
that the ADC offset registers are set to 0
One time slot can be used in TIA ADC mode at the same time
the other time slot is being used in normal pulsed mode. This
capability is useful for monitoring ambient and pulsed signals at
the same time. The ambient signal is monitored during the time
slot configured for TIA ADC mode, while the pulsed signal,
with the ambient signal rejected, is monitored in the time slot
configured for normal mode.
Protecting Against TIA Saturation in Normal Operation
One of the reasons to monitor TIA ADC mode is to protect
against environments that may cause saturation. One concern
when operating in high light conditions, especially with larger
photodiodes, is that the TIA stage may become saturated while
the ADPD105/ADPD106/ADPD107 continue to communicate
data. The resulting saturation is not typical. The TIA, based on its
settings, can only handle a certain level of photodiode current.
Based on the way the ADPD105/ADPD106/ADPD107 are
configured, if there is a current level from the photodiode that is
larger than the TIA can handle, the TIA output during the LED
pulse effectively extends the current pulse, making it wider. The
AFE timing is then violated because the positive portion of the
band-pass filter output extends into the negative section of the
integration window. Thus, the photosignal is subtracted from
itself, causing the output signal to decrease when the effective
light signal increases.
To measure the response from the TIA and verify that this stage
is not saturating, place the device in TIA ADC mode and slightly
modify the timing. Specifically, sweep SLOTx_AFE_OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com