Electronic Components Datasheet Search
  English  ▼

X  

MAX17823B Datasheet(PDF) 73 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 73 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 69Page - Maxim Integrated Products MAX17823B Datasheet HTML 70Page - Maxim Integrated Products MAX17823B Datasheet HTML 71Page - Maxim Integrated Products MAX17823B Datasheet HTML 72Page - Maxim Integrated Products MAX17823B Datasheet HTML 73Page - Maxim Integrated Products MAX17823B Datasheet HTML 74Page - Maxim Integrated Products MAX17823B Datasheet HTML 75Page - Maxim Integrated Products MAX17823B Datasheet HTML 76Page - Maxim Integrated Products MAX17823B Datasheet HTML 77Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 73
Table 39. HVMUX Switch Pin Open Diagnostic
HVMUX Switch Open Fault Location
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
Cell1
0V
5V
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Cell2
NC
0V
5V
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Cell3
NC
NC
0V
5V
NC
NC
NC
NC
NC
NC
NC
NC
NC
Cell4
NC
NC
NC
0V
5V
NC
NC
NC
NC
NC
NC
NC
NC
Cell5
NC
NC
NC
NC
0V
5V
NC
NC
NC
NC
NC
NC
NC
Cell6
NC
NC
NC
NC
NC
0V
5V
NC
NC
NC
NC
NC
NC
Cell7
NC
NC
NC
NC
NC
NC
0V
5V
NC
NC
NC
NC
NC
Cell8
NC
NC
NC
NC
NC
NC
NC
0V
5V
NC
NC
NC
NC
Cell9
NC
NC
NC
NC
NC
NC
NC
NC
0V
5V
NC
NC
NC
Cell10
NC
NC
NC
NC
NC
NC
NC
NC
NC
0V
5V
NC
NC
Cell11
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
0V
5V
NC
Cell12
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
0V
5V
Note: NC = no change.
HVMUX Switch Shorted Diagnostic
A shorted mux switch is detectable in two ways based on corrupted measurement values. First, the ALTREF
diagnostic will report a large error. Also, during normal cell measurements, a shorted HVMUX switch will cause the
LSAMP to saturate, which is also easily detectable.
HVMUX Test Source Diagnostic
The two current sources attached to the HVMUX even bus and the HVMUX odd bus may be enabled independently
instead of as a pair setting the MUXDIAGPAIR bit. MUXDIAGBUS controls which source is enabled (MUXDIAGBUS
= 1 for odd bus source). This will cause every measurement to have a definable change as the sources are enabled
and disabled. By taking measurements while alternating which current source is enabled, it is possible to verify that
each current source is working.
Table 40. HVMUX Test Source Diagnostic
HVMUX Test
Source Fault:
Even test source
Shorted to HV
Even test source
Open Circuit
Odd test source
Shorted to HV
Odd test source
Open Circuit
Cell1:
0V
-I x R
5V
I x R
Cell2:
5V
I x R
0V
-I x R
Cell3:
0V
-I x R
5V
I x R
Cell4:
5V
I x R
0V
-I x R
Cell5:
0V
-I x R
5V
I x R
Cell6:
5V
I x R
0V
-I x R
Cell7:
0V
-I x R
5V
I x R
Cell8:
5V
I x R
0V
-I x R
Cell9:
0V
-I x R
5V
I x R
Cell10:
5V
I x R
0V
-I x R
Cell11:
0V
-I x R
5V
I x R
Cell12:
5V
I x R
0V
-I x R
Note: I = test source current, R = HVMUX resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com