Electronic Components Datasheet Search
  English  ▼

X  

MAX17823B Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 40Page - Maxim Integrated Products MAX17823B Datasheet HTML 41Page - Maxim Integrated Products MAX17823B Datasheet HTML 42Page - Maxim Integrated Products MAX17823B Datasheet HTML 43Page - Maxim Integrated Products MAX17823B Datasheet HTML 44Page - Maxim Integrated Products MAX17823B Datasheet HTML 45Page - Maxim Integrated Products MAX17823B Datasheet HTML 46Page - Maxim Integrated Products MAX17823B Datasheet HTML 47Page - Maxim Integrated Products MAX17823B Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 44
UART Receiver
The UART receiver has a wide common-mode input range to tolerate harsh EMC conditions. It can be operated in
differential mode or single-ended mode per Table 19. By default, the UART receivers are configured for differential
mode. In single-ended mode, the RXP input is grounded and the RXN input receives inverse data as described in
the Applications section (Figure 64). In single-ended mode, the receiver input threshold is negative so that a zero
differential voltage (VRXP, VRXN = 0V) is considered to be a logic one and a negative differential voltage (VRXN high) is
a logic zero.
Zero Crossing Comparator
High Comparator
Low Comparator
1.18MΩ
41.6kΩ
41.6kΩ
RXP
RXN
VCM =
VDDL/3
1.18MΩ
Digital Core
VDDL/60
VDDL/60
4pF
4pF
30kΩ
30kΩ
GNDL
Figure 26. UART Receiver
UART RX Modes
During the first preamble received after a reset, the receiver automatically detects if the received signal is single-
ended and if so, places the receiver in single-ended mode. Therefore the device must be reset for any change in the
RX-mode hardware configuration to be detected.
The receiver mode is indicated by the ALRTCOMMSEL bit (for lower port) and ALRTCOMMSEU bit (for upper port)
of the FMEA1 register as shown in Table 19. If the RXP input is open-circuit, the RX-mode detection will place the
UART in single-ended mode so that the port can still operate albeit with reduced noise immunity. The host can
diagnose this condition by checking ALRTCOMMSEL and ALRTCOMMSEU after any POR event. Any other faults
result in communication errors.
Table 19. UART RX Modes
RXP
RXN
ALRTCOMMSEn
RX Mode
connected to data
connected to inverse data
0
Differential Mode (normal)
grounded
connected to inverse data
1
Single-Ended Mode (normal)
open-circuit (fault)
connected to inverse data
1
Single-Ended Mode (low noise immunity)
connected to data
open-circuit (fault)
0
Differential Mode (communication errors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com