Electronic Components Datasheet Search
  English  ▼

X  

MAX17823B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17823B Datasheet HTML 1Page - Maxim Integrated Products MAX17823B Datasheet HTML 2Page - Maxim Integrated Products MAX17823B Datasheet HTML 3Page - Maxim Integrated Products MAX17823B Datasheet HTML 4Page - Maxim Integrated Products MAX17823B Datasheet HTML 5Page - Maxim Integrated Products MAX17823B Datasheet HTML 6Page - Maxim Integrated Products MAX17823B Datasheet HTML 7Page - Maxim Integrated Products MAX17823B Datasheet HTML 8Page - Maxim Integrated Products MAX17823B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MEASUREMENT ACCURACY
Total Measurement Error,
HVMUX Inputs
(Note 12)
VCELLnERR
Unipolar mode, VCELLn = 3.6V
±2
mV
Bipolar mode, VCELLn = 1.1V
Unipolar mode
0.2V ≤ VCELLn ≤ 4.3V,
0ºC ≤ TA ≤ 45ºC
-5
±3.6
+5
Unipolar mode,
0.2V ≤ VCELLn ≤ 4.8V
-10
+10
Bipolar mode,
-2.3V ≤ VCELLn ≤ 2.3V,
SWn inputs not connected
Total Measurement Error,
ALTMUX Inputs
(Note 12)
VSWnERR
Unipolar mode, VCELL = 3.6V
±2
mV
Bipolar mode, VCELLn = 1.1V
Unipolar mode,
0.2V ≤ VCELLn ≤ 4.8V
-10
+10
Bipolar mode, 0V ≤ VCELLn ≤ 2.3V
Channel Noise (Note 7)
VCELLNOISE
No oversampling
1.1
mVRMS
Total Measurement Error,
VBLKP Input
VBLKPERR
9V ≤ VBLKP ≤ 57.6V, VDCIN = 57.6V,
Average of 64 acquisitions
-180
+180
mV
Offset Error, AUXIN Inputs
VOS_AUX
-3
+3
mV
Gain Error, AUXIN Inputs
AV_AUX
-0.3
+0.3
%
Total Measurement Error,
Die Temperature
(Note 7)
TDIE_ERR
Tj = -40ºC to 105ºC,
no oversampling
-5
±3
+5
ºC
Differential Non-Linearity
(any conversion)
DNL
±1.0
LSbs
ADC Resolution
12
bits
Level-shifting Amplifier Offset
(Note 14)
VOS_LSAMP
DIAGSEL[2:0] = 011b
-200
-10
+200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com