Electronic Components Datasheet Search
  English  ▼

X  

MAX17823B Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 29Page - Maxim Integrated Products MAX17823B Datasheet HTML 30Page - Maxim Integrated Products MAX17823B Datasheet HTML 31Page - Maxim Integrated Products MAX17823B Datasheet HTML 32Page - Maxim Integrated Products MAX17823B Datasheet HTML 33Page - Maxim Integrated Products MAX17823B Datasheet HTML 34Page - Maxim Integrated Products MAX17823B Datasheet HTML 35Page - Maxim Integrated Products MAX17823B Datasheet HTML 36Page - Maxim Integrated Products MAX17823B Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 33
Cell-Balancing Watchdog
Even if the host fails to disable the cell-balancing mode, the cell-balancing watchdog can automatically disable the
cell-balancing switches regardless of the BALSWEN configuration. The cell-balancing watchdog does not modify the
contents of the BALSWEN register. Use the WATCHDOG register to configure the timeout value from 1s to 3840s
(64min) as shown in Table 12. The pre-divider configuration CBPDIV[2:0] effectively sets the rate at which the
CBTIMER[3:0] counts down as shown in Figure 16.
CBPDIV
32.768kHz
CBTIMER
Timer Zero
Flag
Bit 0
Bit 1
Bit 2
Bit 3
CBPDIV1 CBPDIV0
BALSWEN
Cell Balancing
Switch Enable
CBTIMER
Enable
CBPDIV2
Figure 16. Cell-Balancing Watchdog
Table 12. Cell-Balancing Watchdog Configuration
CBPDIV[2:0]
Timer LSb Period
Range of CBTIMER[3:0]
Minimum
Maximum
000b
Timer Disabled
Timer Disabled
001b
1s
1s
15s
010b
4s
4s
60s
011b
16s
16s
240s
100b
64s
64s
960s
101b
128s
128s
1920s
110b
256s
256s
3840s
The host should periodically update CBTIMER to ensure that it does not count down to zero. If countdown timer is
allowed to reach zero, the cell balancing switches are disabled until the timer is either disabled or is refreshed by
writing a non-zero value.
To allow timed balancing with no host interaction, the GPIO3 pin is configured to output a logic high level while the
timer is counting using the GPIO3TMR configuration bit of the GPIO register. An external diode is connected from
GPIO3 to SHDNL to prevent shutdown while the timer is counting. Once the timer expires, the device shuts down.
The host may intervene prior to the timer expiring to keep the device active and to reconfigure the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com