Electronic Components Datasheet Search
  English  ▼

X  

MAX17823B Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 33Page - Maxim Integrated Products MAX17823B Datasheet HTML 34Page - Maxim Integrated Products MAX17823B Datasheet HTML 35Page - Maxim Integrated Products MAX17823B Datasheet HTML 36Page - Maxim Integrated Products MAX17823B Datasheet HTML 37Page - Maxim Integrated Products MAX17823B Datasheet HTML 38Page - Maxim Integrated Products MAX17823B Datasheet HTML 39Page - Maxim Integrated Products MAX17823B Datasheet HTML 40Page - Maxim Integrated Products MAX17823B Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 37
Figure 18. HV Charge Pump
Oscillators
Two factory- trimmed oscillators provide all timing requirements: a 16MHz oscillator for the UART and control logic
and a 32.768kHz oscillator for HV charge pump and timers. A special diagnostic counter clocked by the 16MHz
signal is employed to check the 32kHz oscillator. Every two periods of the 32kHz clock, the counter is sampled. If
the count varies more than 5% from the expected value the ALRTOSC1 bit is set as shown in Table 17. A redundant
alert bit, ALRTOSC2, increases the integrity level. If the 16MHz oscillator varies by more than 5%, communication
errors will be indicated
Table 17. Oscillator Diagnostics
Fault
Condition
Alert Bit
Location
32.768kHz oscillator
31.129kHz > fosc_32k > 34.406kHz
ALRTOSC1
FMEA1[15]
32.768kHz oscillator
31.129kHz > fosc_32k > 34.406kHz
ALRTOSC2
FMEA1[14]
16MHz oscillator
15MHz > fosc_32k > 17MHz
ALRTMAN or ALRTPAR
STATUS[4], or STATUS[2]
Device ID Number
The ID1[15:0] register together with ID2[7:0] contain a 24-bit manufacturing identification number, DEVID[23:0]. The
ID combined with the manufacturing date provides a means of uniquely identifying each device. A device ID of zero
is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com